Electronic Components Datasheet Search
  English  ▼

X  

NVFS Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # NVFS
Description  Insert mounting ,With metal frame.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NVFS Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  NVFS Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NVFS
Small size and light weight. Heavy contact load (30A).
Contact arrangement Form A.
Suitable for automobile and lamp accessories application.
Insert mounting ,With metal frame.
Ordering Information
NVFS A
15
DC12V
1
2
3
4
1 Part number
NVFS
2 Contact arrangement
A:1A
3 Contact rating
15:15A/14VDC
30:30A/14VDC
4 Coil rated Voltage(V) DC: 6,12,24
Contact Data
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
Contact Rating (resistive)
15A
30A/14VDC
Max. Switching Power
420W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
50m
Item 4 .12 of IEC 61810-7
5
Operation
Electrical
10
Item 4.30 of IEC 61810-7
7
Life
Mechanical
10
Item 4.31 of IEC 61810-7
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
006-1800
6
7.8
20
3.9
1.2
012-1800
12
15.6
80
7.8
2.4
024-1800
24
31.2
320
15.6
4.8
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(65%of rated
voltage )
Release
voltage
VDC(min)
(20% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
1.8
7
5
Features
32.6
25.2
21
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC 61810-5
Between contact and coil
50Hz 750V
Item 6 of IEC 61810-5
2
Shock resistance
147m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6 Test Fc
Terminals strength
8N
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40 )
IEC68-2-3 Test Ca
Mass
32g
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Dimensions
Wiring diagram (Bottom view)
Mounting (Bottom view)
Dimensions
NVFS
4-7
1.2
36max.
34.6
4.85
4-6.3X0.8
5.1
24.5
0.8
6
5.2
Fuse-wire
Shrouded type with bracket
8.4
17.9
Fuse-wise
14.9
19.1
9
12
25.2max.
86
87
85
30
85
87
86(+)
30
mm /inch
0.752
0.587
0.354
0.472
0.992max.
0.205
0.201
0.031
0.965
0.236
0.191
1.362
1.417max.
0.248
0.031
0.705
0.331
0.276
0.047
151
152
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - NVFS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFS DBLECTRO-NVFS Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
NVFSA15DC12V DBLECTRO-NVFSA15DC12V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVFSA15DC12V DBLECTRO-NVFSA15DC12V Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
NVFSA15DC24V DBLECTRO-NVFSA15DC24V Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
More results

Similar Description - NVFS

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG16032A BOLYMIN-BG16032A Datasheet
111Kb / 1P
COB with metal frame
BC1004A BOLYMIN-BC1004A_17 Datasheet
474Kb / 1P
COB with metal Frame
BC1602E BOLYMIN-BC1602E_17 Datasheet
515Kb / 1P
COB with metal Frame
BC2004A20C BOLYMIN-BC2004A20C_17 Datasheet
405Kb / 1P
COB with metal Frame
BC2402A BOLYMIN-BC2402A_17 Datasheet
512Kb / 1P
COB with metal Frame
BG12232A BOLYMIN-BG12232A_17 Datasheet
539Kb / 1P
COB with Metal Frame
BG12864H BOLYMIN-BG12864H_17 Datasheet
533Kb / 1P
COB with Metal Frame
BG19264A BOLYMIN-BG19264A_17 Datasheet
533Kb / 1P
COB with Metal Frame
BG24064C BOLYMIN-BG24064C_17 Datasheet
625Kb / 1P
COB with Metal Frame
BG240128E1 BOLYMIN-BG240128E1_17 Datasheet
500Kb / 1P
COB with Metal Frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com