Electronic Components Datasheet Search
  English  ▼

X  

SP813L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP813L
Description  Low Power Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP813L Datasheet(HTML) 1 Page - Exar Corporation

  SP813L Datasheet HTML 1Page - Exar Corporation SP813L Datasheet HTML 2Page - Exar Corporation SP813L Datasheet HTML 3Page - Exar Corporation SP813L Datasheet HTML 4Page - Exar Corporation SP813L Datasheet HTML 5Page - Exar Corporation SP813L Datasheet HTML 6Page - Exar Corporation SP813L Datasheet HTML 7Page - Exar Corporation SP813L Datasheet HTML 8Page - Exar Corporation SP813L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
June 2010
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP705-708/813L series is a family of
microprocessor (µP) supervisory circuits that
integrate myriad components involved in
discrete solutions which monitor power-supply
and battery in mP and digital systems.
The SP705-708/813L series will significantly
improve system reliability and operational
efficiency
when
compared
to
solutions
obtained
with
discrete
components.
The
features of the SP705-708/813L series include
a watchdog timer, a µP reset, a Power Fail
Comparator, and a manual-reset input.
The SP705-708/813L series is ideal for
applications
in
automotive
systems,
computers,
controllers,
and
intelligent
instruments. The SP705-708/813L series is an
ideal solution for systems in which critical
monitoring of the power supply to the µP and
related digital components is demanded.
APPLICATIONS
• Processors & DSPs Based Systems
• Industrial & Medical Instruments
FEATURES
• Precision Voltage Monitor
− SP705/SP707/SP813L: 4.65V
− SP706/SP708: 4.40V
• 200ms RESET Pulse Width
• Independent Watchdog Timer
− 1.6s Timeout (SP705/SP706/SP813L)
• 60µA Maximum Supply Current
• Debounced TTL/CMOS Manual Reset
Input
• RESET Asserted Down to VCC=1.1V
• Voltage Monitor for Power Failure or
Low Battery Warning
• 8-Pin PDIP, NSOIC and MSOP Packages
• Pin Compatible with Industry
Standards 705-708-813L Series
• Functionally Compatible to Industry
Standard 1232 Series
Part Number
RESET Threshold
RESET Active
Manual RESET
Watchdog
PFI Accuracy
SP705
4.65V
Low
Yes
Yes
4%
SP706
4.40V
Low
Yes
Yes
4%
SP707
4.65V
Low and High
Yes
No
4%
SP708
4.40V
Low and High
Yes
No
4%
SP813L
4.65V
High
Yes
Yes
4%


Similar Part No. - SP813L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP813L SIPEX-SP813L Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP813L SIPEX-SP813L Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813L EXAR-SP813L Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP813L SIPEX-SP813L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP813L SIPEX-SP813L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP813L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com