Electronic Components Datasheet Search
  English  ▼

X  

SP813LEP-L Datasheet(PDF) 7 Page - Exar Corporation

Part # SP813LEP-L
Description  Low Power Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP813LEP-L Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP813LEP-L Datasheet HTML 3Page - Exar Corporation SP813LEP-L Datasheet HTML 4Page - Exar Corporation SP813LEP-L Datasheet HTML 5Page - Exar Corporation SP813LEP-L Datasheet HTML 6Page - Exar Corporation SP813LEP-L Datasheet HTML 7Page - Exar Corporation SP813LEP-L Datasheet HTML 8Page - Exar Corporation SP813LEP-L Datasheet HTML 9Page - Exar Corporation SP813LEP-L Datasheet HTML 10Page - Exar Corporation SP813LEP-L Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
7/17
Rev. 2.0.0
Fig. 10: SP705/707 RESET Response Time
Fig. 11: SP705/707 RESET Response Time Circuit
Fig. 12: SP707 RESET and RESET Assertion
Fig. 13: SP707 RESET and RESET De-Assertion
Fig. 14: SP707 RESET and RESET Assertion and De-Assertion Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com