Electronic Components Datasheet Search
  English  ▼

X  

GP560 Datasheet(PDF) 2 Page - Meder Electronic

Part # GP560
Description  Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

GP560 Datasheet(HTML) 2 Page - Meder Electronic

  GP560 Datasheet HTML 1Page - Meder Electronic GP560 Datasheet HTML 2Page - Meder Electronic GP560 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A Global Leader in the Design, Development, and
Manufacture of Sensors and Magnetic Components
GP560 Reed Switch
www.standexmeder.com
Operating Characteristics
Magnetic Sensitivity (Range - Pull In)
10 to 50 Ampere Turns
Magnetic Sensitivity (Range - Drop Out)
(See chart below)
Operate Time, including bounce (typ.)
0.6 Milliseconds
Release Time (typ.)
0.1 Milliseconds
Resonant Frequency (typ.)
3.0 kHz
Vibration, 10-2,000 Hz (G's Max.)
50 G
Shock, 11-ms. 1/2 Sine wave (G's Max.)
100 G
Operating Temperature
-40°C to + 125°C
Storage Temperature
-50°C to + 155°C
Charts
Breakdown Voltage Plotted
Against Pull-In Ampere Turns
Pull-In Ampere Turns Plotted
Against Drop-Out Ampere Turns
Change In Pull-In Ampere Turns
After Switch Lead Cutting
Change In Drop-Out Ampere Turns
After Switch Lead Cutting



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com