Electronic Components Datasheet Search
  English  ▼

X  

PR126 Datasheet(PDF) 1 Page - Meder Electronic

Part # PR126
Description  Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PR126 Datasheet(HTML) 1 Page - Meder Electronic

  PR126 Datasheet HTML 1Page - Meder Electronic PR126 Datasheet HTML 2Page - Meder Electronic PR126 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contact Information:
Standex-Meder Electronics
World Headquarters
4538 Camberwell Road
Cincinnati, OH 45209 USA
Standex Americas (OH)
+1.866.STANDEX
(+1.866.782.6339)
info@standexelectronics.com
Meder Americas (MA)
+1.800.870.5385
salesusa@standexmeder.com
Standex-Meder Asia (Shanghai)
+86.21.37820625
salesasia@standexmeder.com
Standex-Meder Europe (Germany)
+49.7731.8399.0
info@standexmeder.com
PR126 Reed Switch
www.standexmeder.com
Professional grade high voltage high power applications reed switch with rhodium contacts
Designed to give superior life switching relatively heavy loads
Physical Characteristics
A
Glass Length (Max.)
20.3 mm
B
Overall Length (Max.)
54.0 mm
C
Glass Diameter (Max.)
2.5 mm
D
Lead Diameter (Nom.)
0.7 mm
Electrical Characteristics
Contact Arrangement
Form A (SPST), Center Gap
Contact Material
Rhodium
Power Rating
1
70VA maximum
Switching Current (Max.)
1.5 Amp. DC, 1.5 Amp. AC
Carry Current (Max.)
2.5 Amp. DC, 2.5 Amp. AC
Switching Voltage (Max.)
300 VDC, 300 VAC
Breakdown Voltage (Min. @20AT)
2
750 Volts DC
Contact Resistance
3
100 Milliohms
Insulation Resistance (Min.)
10
12 ohms
Contact Capacitance (pf Max.)
0.3 pf
1. The specification for VA rating may sometimes be exceeded for less sensitive (higher AT) switches, and should be
decreased for very sensitive (lower AT) switches. Standex-Meder Electronics will run life tests specific to a customer’s
load upon request.
2. Breakdown voltage is measured in the presence of a radioactive ionising source. Switch leakage current is limited to
100 microamperes
3. Contact resistance measurements are made at 10ma from a 1-volt source, with 50% overdrive, using a 4-wire (Kelvin)
measuring system. Contact probes are located on 43 mm centres.
Minimum Switching Life with Standard Test Loads, using 20AT switch
Voltage
24 VDC
100 VDC
125 VAC
240 VDC
240 VAC
Current
10 mA
100 mA
80 mA
40 mA
40 VA lamp load, 5 sec, 10% duty cycle
Life
5 x 10
6
1 x 10
6
1 x 10
6
2 x 10
5
5 x 10
5
Note: End of life is defined as contact resistance exceeding one ohm and/or failure to operate.
A Global Leader in the Design, Development, and
Manufacture of Sensors and Magnetic Components
Product Solutions
www.standexmeder.com
REACH & RoHS Compliant


Similar Part No. - PR126

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1260 LUMINIS-PR1260 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1265 LUMINIS-PR1265 Datasheet
491Kb / 3P
Standard heavy duty 45 hang straight swivel
More results

Similar Description - PR126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
REED SWITCH
logo
Meder Electronic
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
Reed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com