Electronic Components Datasheet Search
  English  ▼

X  

ADC10461 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC10461
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10461 Datasheet(HTML) 2 Page - Texas Instruments

  ADC10461 Datasheet HTML 1Page - Texas Instruments ADC10461 Datasheet HTML 2Page - Texas Instruments ADC10461 Datasheet HTML 3Page - Texas Instruments ADC10461 Datasheet HTML 4Page - Texas Instruments ADC10461 Datasheet HTML 5Page - Texas Instruments ADC10461 Datasheet HTML 6Page - Texas Instruments ADC10461 Datasheet HTML 7Page - Texas Instruments ADC10461 Datasheet HTML 8Page - Texas Instruments ADC10461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADC10461, ADC10462, ADC10464
SNAS074E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
Figure 1. Top View
Figure 2. Top View
Figure 3. Top View
NOTE: The ADC10461 and ADC10462 are obsolete; shown for reference only.
PIN DESCRIPTIONS
Pin Function
Description
DVCC, AVCC
Digital and analog positive supply voltage inputs. Connect both to the same voltage source, but bypass separately with
a 0.1 µF ceramic capacitor in parallel with a 10 µF tantalum capacitor to ground at each pin.
INT
Active low interrupt output. INT goes low at the end of each conversion, and returns high following the rising edge of
RD.
S/H
Sample/Hold control input. When this pin is forced low (and CS is low), the analog input signal is sampled and a new
conversion is initiated.
RD
Active low read control input. When this RD and CS are low, any data present in the output registers will be placed
onto the data bus.
CS
Active low Chip Select control input. When low, this pin enables the RD and S/H pins.
S0, S1
On the multiple-input devices (ADC10462 and ADC10464), these pins select the analog input that will be connected to
the A/D during the conversion. The input is selected based on the state of S0 and S1 when S/H makes its High-to-Low
transition (See Timing Diagrams). The ADC10464 includes both S0 and S1. The ADC10462 includes just S0, and the
ADC10461 has neither.
VREF−, VREF+
Reference voltage inputs. They may be placed at any voltage between GND and VCC, but VREF+ must be greater than
VREF−. An input voltage equal to VREF− produces an output code of 0, and an input voltage equal to (VREF+ − 1 LSB)
produces an output code of 1023.
VIN, VIN0, VIN1,
Analog input pins. The ADC10461 has one input (VIN), the ADC10462 has two inputs (VIN0 and VIN1), and the
VIN2, VIN3
ADC10464 has four inputs (VIN0, VIN1, VIN2 and VIN3). The impedance of the input source should be less than 500Ω for
best accuracy and conversion speed. For accurate conversions, no input pin (even one that is not selected) should be
driven more than 50 mV above VCC or 50 mV below ground.
GND, AGND,
Power supply ground pins. The ADC10461 has a single ground pin (GND), and the ADC10462 and ADC10464 have
DGND
separate analog and digital ground pins (AGND and DGND) for separate bypassing of the analog and digital supplies.
The ground pins should be connected to a stable, noise-free system ground. For the devices with two ground pins,
both pins should be returned to the same potential.
DB0–DB9
TRI-STATE data output pins.
SPEED ADJ
(ADC10462 and ADC10464 only). This pin is normally left unconnected, but by connecting a resistor between this pin
and ground, the conversion time can be reduced. See Typical Performance Characteristics and the table of Electrical
Characteristics.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10461 ADC10462 ADC10464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com