Electronic Components Datasheet Search
  English  ▼

X  

ADC08060 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08060
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08060 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 2Page - Texas Instruments ADC08060 Datasheet HTML 3Page - Texas Instruments ADC08060 Datasheet HTML 4Page - Texas Instruments ADC08060 Datasheet HTML 5Page - Texas Instruments ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments ADC08060 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50% duty
cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TA = 25°C
(1)(2)(3)
Units
Symbol
Parameter
Conditions
Typical (4)
Limits (4)
(Limits)
CLK, PD DIGITAL INPUT CHARACTERISTICS
VIH
Logical High Input Voltage
DR VD = VA = 3.3V
2.0
V (min)
VIL
Logical Low Input Voltage
DR VD = VA = 2.7V
0.8
V (max)
IIH
Logical High Input Current
VIH = DR VD = VA = 3.3V
10
nA
IIL
Logical Low Input Current
VIL = 0V, DR VD = VA = 2.7V
−50
nA
CIN
Logic Input Capacitance
3
pF
DIGITAL OUTPUT CHARACTERISTICS
VOH
High Level Output Voltage
VA = DR VD = 2.7V, IOH = −400 µA
2.6
2.4
V (min)
VOL
Low Level Output Voltage
VA = DR VD = 2.7V, IOL = 1.0 mA
0.4
0.5
V (max)
DYNAMIC PERFORMANCE
fIN = 4.4 MHz, VIN = −0.25 dBFS
7.6
Bits
fIN = 10 MHz, VIN = −0.25 dBFS
7.6
7.1
Bits (min)
ENOB
Effective Number of Bits
fIN = 25 MHz, VIN = −0.25 dBFS
7.5
Bits
fIN = 29 MHz, VIN = −0.25 dBFS
7.4
Bits
fIN = 4.4 MHz, VIN = −0.25 dBFS
47
dB
fIN = 10 MHz, VIN = −0.25 dBFS
47
44.5
dB (min)
SINAD
Signal-to-Noise & Distortion
fIN = 25 MHz, VIN = −0.25 dBFS
47
dB
fIN = 29 MHz, VIN = −0.25 dBFS
46
dB
fIN = 4.4 MHz, VIN = −0.25 dBFS
47
dB
fIN = 10 MHz, VIN = −0.25 dBFS
47
44.6
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 25 MHz, VIN = −0.25 dBFS
47
dB
fIN = 29 MHz, VIN = −0.25 dBFS
46
dB
fIN = 4.4 MHz, VIN = −0.25 dBFS
64
dBc
fIN = 10 MHz, VIN = −0.25 dBFS
63
dBc
SFDR
Spurious Free Dynamic Range
fIN = 25 MHz, VIN = −0.25 dBFS
60
dBc
fIN = 29 MHz, VIN = −0.25 dBFS
54
dBc
fIN = 4.4 MHz, VIN = −0.25 dBFS
−64
dBc
fIN = 10 MHz, VIN = −0.25 dBFS
−63
dBc
THD
Total Harmonic Distortion
fIN = 25 MHz, VIN = −0.25 dBFS
-57
dBc
fIN = 29 MHz, VIN = −0.25 dBFS
−54
dBc
fIN = 4.4 MHz, VIN = −0.25 dBFS
-70
dBc
fIN = 10 MHz, VIN = −0.25 dBFS
−65
dBc
HD2
2nd Harmonic Distortion
fIN = 25 MHz, VIN = −0.25 dBFS
-64
dBc
fIN = 29 MHz, VIN = −0.25 dBFS
−54
dBc
fIN = 4.4 MHz, VIN = −0.25 dBFS
−72
dBc
fIN = 10 MHz, VIN = −0.25 dBFS
−70
dBc
HD3
3rd Harmonic Distortion
fIN = 25 MHz, VIN = −0.25 dBFS
-68
dBc
fIN = 29 MHz, VIN = −0.25 dBFS
−65
dBc
f1 = 11 MHz, VIN = −6.25 dBFS
IMD
Intermodulation Distortion
-55
dBc
f2 = 12 MHz, VIN = −6.25 dBFS
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com