Electronic Components Datasheet Search
  English  ▼

X  

E231 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E231
Description  T-1 3/4 Bi-Color LEDs (Very Bright)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E231 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E231 Datasheet HTML 1Page - Gilway Technical Lamp E231 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Bi-Color Ultra Bright LEDs
A
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
1
E231
White
100mcd
300mcd
60°
1.85V
2.5V
660nm
1. Red Anode
A
Diffused
40mcd
80mcd
60°
2.20V
2.5V
565nm
2. Cathode
3. Green Anode
2
E232
Clear
300mcd
700mcd
30°
1.85V
2.5V
660nm
1. Red Anode
A
80mcd
200mcd
30°
2.20V
2.5V
565nm
2. Cathode
3. Green Anode
3
E291
Clear
300mcd
700mcd
24°
1.85V
2.5V
660nm
1. Red Cathode
A
80mcd
200mcd
24°
2.20V
2.5V
565nm
2. Anode
3. Green Cathode
4
E292
White
100mcd
300mcd
24°
1.85V
2.5V
660nm
1. Red Cathode
A
Diffused
40mcd
80mcd
24°
2.20V
2.5V
565nm
2. Anode
3. Green Cathode
• RED &
• GREEN
• RED &
• GREEN
• RED &
• GREEN
• RED &
• GREEN
• GREEN &
• YELLOW
• RED &
• YELLOW
• RED &
• GREEN
B
C
D
T-1¾ Bi-Color LEDs (Two Leads)
Luminous Intensity Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
5
E210
White
20.0mcd
50mcd
60°
2.0V
2.5V
625nm
B
Diffused
12.5mcd
40mcd
60°
2.2V
2.5V
565nm
6
E211
White
20mcd
50mcd
60°
2.0V
2.5V
625nm
C
Diffused
5mcd
20mcd
60°
2.1V
2.5V
590nm
7
E212
White
12.5mcd
40mcd
60°
2.2V
2.5V
565nm
D
Diffused
5.0mcd
20mcd
60°
2.2V
2.5V
590nm
70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com