Electronic Components Datasheet Search
  English  ▼

X  

ZMY75 Datasheet(PDF) 2 Page - General Semiconductor

Part # ZMY75
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZMY75 Datasheet(HTML) 2 Page - General Semiconductor

  ZMY75 Datasheet HTML 1Page - General Semiconductor ZMY75 Datasheet HTML 2Page - General Semiconductor ZMY75 Datasheet HTML 3Page - General Semiconductor ZMY75 Datasheet HTML 4Page - General Semiconductor ZMY75 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZMY1 THRU ZMY100
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener
voltage(2)
at
IZT
min. max.
VZ (V)
Dynamic
resistance
at IZT
f = 1 kHz
max
rzj (
Ω)
Temp. coeff.
of Zener volt.
at
IZT
α
VZ (10
–4 /K)
Test
current
IZT (mA)
Reverse
voltage
at
IR= 0.5
µA
VR (V)
Admissible
Zener current(1)
at Tamb = 25°C
IZ (mA)
ZMY1(3)
0.65 … 0.75
6.5 (< 8)
–26 … –23
5
–
406
ZMY3.9
3.7 … 4.1
4 (< 7)
–7 … +2
100
–
203
ZMY4.3
4.0 … 4.6
4 (< 7)
–7 … +3
100
–
182
ZMY4.7
4.4 … 5.0
4 (< 7)
–7 … +4
100
–
165
ZMY5.1
4.8 … 5.4
2 (< 5)
–6 … +5
100
> 0.7
150
ZMY5.6
5.2 … 6.0
1 (< 2)
–3 … +5
100
> 1.5
135
ZMY6.2
5.8 … 6.6
1 (< 2)
–1 … +6
100
> 2.0
128
ZMY6.8
6.4 … 7.2
1 (< 2)
0 … +7
100
> 3.0
110
ZMY7.5
7.0 … 7.9
1 (< 2)
0 … +7
100
> 5.0
100
ZMY8.2
7.7 … 8.7
1 (< 2)
+3 … +8
100
> 6.0
89
ZMY9.1
8.5 … 9.6
2 (< 4)
+3 … +8
50
> 7.0
82
ZMY10
9.4 … 10.6
2 (< 4)
+5 … +9
50
> 7.5
74
ZMY11
10.4 … 11.6
3 (< 7)
+5 … +10
50
> 8.5
66
ZMY12
11.4 … 12.7
3 (< 7)
+5 … +10
50
> 9.0
60
ZMY13
12.4 … 14.1
4 (< 9)
+5 … +10
50
> 10
55
ZMY15
13.8 … 15.8
4 (< 9)
+5 … +10
50
> 11
49
ZMY16
15.3 … 17.1
5 (< 10)
+7 … +11
25
> 12
44
ZMY18
16.8 … 19.1
5 (< 11)
+7 … +11
25
> 14
40
ZMY20
18.8 … 21.2
6 (< 12)
+7 … +11
25
> 15
36
ZMY22
20.8 … 23.3
7 (< 13)
+7 … +11
25
> 17
34
ZMY24
22.8 … 25.6
8 (< 14)
+7 … +12
25
> 18
29
ZMY27
25.1 … 28.9
9 (< 15)
+7 … +12
25
> 20
27
ZMY30
28 … 32
10 (< 20)
+7 … +12
25
> 22.5
25
ZMY33
31 … 35
11 (< 20)
+7 … +12
25
> 25
22
ZMY36
34 … 38
25 (< 60)
+7 … +12
10
> 27
20
ZMY39
37 … 41
30 (< 60)
+8 … +12
10
> 29
18
ZMY43
40 … 46
35 (< 80)
+8 … +13
10
> 32
17
ZMY47
44 … 50
40 (< 80)
+8 … +13
10
> 35
15
ZMY51
48 … 54
45 (< 100)
+8 … +13
10
> 38
14
ZMY56
52 … 60
50 (< 100)
+8 … +13
10
> 42
13
ZMY62
58 … 66
60 (< 130)
+8 … +13
10
> 47
11
ZMY68
64 … 72
65 (< 130)
+8 … +13
10
> 51
10
ZMY75
70 … 79
70 (< 160)
+8 … +13
10
> 56
9
ZMY82
77 … 88
80 (< 160)
+8 … +13
10
> 61
8
ZMY91
85 … 96
120 (< 250)
+9 … +13
5
> 68
7.5
ZMY100
94 … 106
130 (< 250)
+9 … +13
5
> 75
7
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
(2) Tested with pulses tp = 5 ms
(3) The ZMY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be “F” instead of “Z”.
Connect the cathode terminal to the negative pole
For devices in glass case MELF with higher Zener voltage but same power dissipation see types ZMU100 … ZMU180



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com