Electronic Components Datasheet Search
  English  ▼

X  

E31 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E31
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E31 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E31 Datasheet HTML 1Page - Gilway Technical Lamp E31 Datasheet HTML 2Page - Gilway Technical Lamp E31 Datasheet HTML 3Page - Gilway Technical Lamp E31 Datasheet HTML 4Page - Gilway Technical Lamp E31 Datasheet HTML 5Page - Gilway Technical Lamp E31 Datasheet HTML 6Page - Gilway Technical Lamp E31 Datasheet HTML 7Page - Gilway Technical Lamp E31 Datasheet HTML 8Page - Gilway Technical Lamp E31 Datasheet HTML 9Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
A
T-1 LEDs with Resistor - 5V
Luminous Intensity Viewing
Current Range
Peak
Line
Part
Voltage Range
at 5VDC
Angle
at 5VDC
Wave Length
No.
No.
Lens
Minimum Maximum
Minimum Maximum
2
θθθθθ½
Minimum
Maxiumum
at 5VDC
Drawing
1
E404-5V
Diffused
4.0VDC
6.0VDC
70mcd
200mcd
60°
8mA
15.5mA
660nm
A
2
E449-5V
Diffused
4.0VDC
6.0VDC
8mcd
15mcd
60°
8mA
15.5mA
590nm
A
3
E451-5V
Diffused
4.0VDC
6.0VDC
12mcd
20mcd
60°
8mA
15.5mA
565nm
A
• RED
• YELLOW
• GREEN
B
T-1 Low Current LEDs (2mA)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 2mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
4
E28
Diffused
8.0mcd
20.0mcd
60°
1.85V
2.50V
660nm
B
5
E30
Diffused
0.8mcd
2.00mcd
60°
2.00V
2.50V
625nm
B
6
E31
Diffused
0.8mcd
2.00mcd
60°
2.10V
2.50V
590nm
B
7
E32
Diffused
0.8mcd
2.00mcd
60°
2.20V
2.50V
565nm
B
• RED
• RED
• YELLOW
• GREEN
T-1 Bi-Color LEDs (Two Leads)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
8
E207
White
8mcd
40mcd
60°
2.0V
2.5V
625nm
C
Diffused
8mcd
40mcd
60°
2.2V
2.5V
565nm
9
E208
White
8mcd
40mcd
60°
2.0V
2.5V
625nm
D
Diffused
5mcd
20mcd
60°
2.1V
2.5V
590nm
10
E209
White
8mcd
40mcd
60°
2.2V
2.5V
565nm
E
Diffused
5mcd
20mcd
60°
2.1V
2.5V
590nm
• RED &
• GREEN
• RED &
• YELLOW
• GREEN &
• YELLOW
61
E
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com