Electronic Components Datasheet Search
  English  ▼

X  

8361 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # 8361
Description  T-1 Subminiature Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

8361 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  8361 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Subminiature Lamps
Part No.
Part No.
Part No.
Part No.
Part No.
Line
Wire
Miniature
Miniature
Midget
Bi-Pin
Filament
Life
No.
Lead
Flanged
Grooved
Screw
Volts
Amps
M.S.C.P.
Type
Hours
1
1728
331
698
8669
7931
1.35
0.06
0.01
C-2R
500
2
1783
368
8699
1769
7968
2.5
0.20
0.22
C-2R
500
3
2169
268
266
7312
7868
2.5
0.35
0.21
C-2R
10,000
4
8663
343
8703
8671
7357
2.5
0.40
0.55
C-2R
30
5
1738
338
8704
8693
7838
2.7
0.06
0.04
C-2R
6,000
6
2158
375
390
7313
7375
3.0
0.015
0.003
C-6
10,000
7
2156
7329
7343
7314
7358
3.0
0.03
0.02
C-2R
1,800
8
2171
7331
7345
7315
7359
4.5
0.120
0.05
C-2R
25,000
9
8805
7332
7346
7316
7360
5.0
0.06
0.03
C-2R
100,000
10
2200
7333
7347
7318
7361
5.0
0.06
0.05
C-2R
100.000
11
3151
3150
3152
3153
3149
5.0
0.06
0.15
C-2R
5,000
12
2203
7335
7348
7319
7362
5.0
0.115
0.15
C-2R
40,000
13
8784
7334
7350
7317
7363
5.0
0.19
0.45
C-2R
1,000
14
1730
345
8705
342
7945
6.0
0.04
0.03
C-2R
10,000
15
8664
7336
8706
8687
7364
6.0
0.20
0.10
C-2F
50,000
16
1784
328
337
1768
7328
6.0
0.20
0.60
C-2R
1,000
17
1784L
7337
337L
1768L
7365
6.0
0.22
0.63
C-2R
3,000
18
2180
380
7351
7320
7380
6.3
0.04
0.03
C-2V
50,000
19
1739
377
8708
1775
7377
6.3
0.075
0.22
C-2R
500
20
8350
350
7352
7321
7368
6.3
0.15
0.45
C-2R
3,000
21
2181
381
379
378
7381
6.3
0.20
0.40
C-2R
20,000
22
2112
349
398
7323
7349
6.3
0.20
0.55
C-2R
3,000
23
1869
344
709
8691
7344
10.0
0.014
0.002
C-2V
10,000
24
2107
367
397
389
7367
10.0
0.04
0.08
C-2F
5,000
25
8946
7338
7353
7325
7369
11.0
0.022
0.03
C-2F
10,000
26
2174
394
7354
7326
7394
12.0
0.04
0.12
C-2F
10,000
27
2182
382
386
8362
7382
14.0
0.08
0.30
C-2F
50,000
28
1705
330
336
373
7330
14.0
0.08
0.50
C-2F
750
29
2162
8918
393
8162
7373
14.0
0.100
0.50
C-2F
10,000
30
2102
370
346
8536
7370
18.0
0.04
0.15
C-2F
10,000
31
8425
459
457
8437
7459
22.0
0.04
0.30
C-2F
2,000
32
2185
385
7355
8384
7374
28.0
0.04
0.20
C-2F
50,000
33
2187
387
388
399
7387
28.0
0.04
0.30
C-2F
25,000
34
1764
327
334
335
7327
28.0
0.04
0.34
C-2F
7,000
35
1764LSV
376
334LSV
335LSV
7876
28.0
0.06
0.34
C-2F
25,000
36
8361
7341
7356
8369
7376
28.0
0.065
0.65
C-2F
5,000
37
——
7018
——
——
7020
48.0
0.030
0.15
C-2F
5,000
T-1¾ Wire Lead
T-1¾ Miniature Flanged
T-1¾ Miniature Grooved
T-1¾ Midget Screw
T-1¾ Bi-Pin
41


Similar Part No. - 8361

ManufacturerPart #DatasheetDescription
logo
KNIPEX
8361010 KNIPEX-8361010 Datasheet
167Kb / 2P
Pipe Wrench S-Type With fast adjustment
05.07.2021
logo
Molex Electronics Ltd.
83611 MOLEX-83611 Datasheet
39Kb / 2P
Commercial Micro-D High-Density Connectors
10/10/2018
83611 MOLEX-83611 Datasheet
40Kb / 2P
Commercial Micro-D High-Density Connectors
09/07/2018
83611-9001 MOLEX9-83611-9001 Datasheet
87Kb / 3P
Commerical Micro D, PCB Mount, Right Angle Plug, 9 Circuits
83611-9016 MOLEX-83611-9016 Datasheet
40Kb / 2P
Commercial Micro-D High-Density Connectors
09/07/2018
More results

Similar Description - 8361

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
subminiature t-3/4 5-volt resistor lamps
MR5000 QT-MR5000 Datasheet
145Kb / 3P
SUBMINIATURE T-3/4 RESISTOR LAMPS
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Gilway Technical Lamp
1045 GILWAY-1045 Datasheet
82Kb / 1P
T-1 Lamps, Visible-Infrared
2135 GILWAY-2135 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
7100 GILWAY-7100 Datasheet
33Kb / 1P
T- Subminiature Lamps
8798 GILWAY-8798 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Marktech Corporate
MT630-HR MARKTECH-MT630-HR Datasheet
48Kb / 1P
T-1 TAPERED LED LAMPS
logo
List of Unclassifed Man...
L424HDT ETC-L424HDT Datasheet
182Kb / 6P
T-1 CYLINDICAL LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com