Electronic Components Datasheet Search
  English  ▼

X  

E207 Datasheet(PDF) 5 Page - Gilway Technical Lamp

Part # E207
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E207 Datasheet(HTML) 5 Page - Gilway Technical Lamp

  E207 Datasheet HTML 1Page - Gilway Technical Lamp E207 Datasheet HTML 2Page - Gilway Technical Lamp E207 Datasheet HTML 3Page - Gilway Technical Lamp E207 Datasheet HTML 4Page - Gilway Technical Lamp E207 Datasheet HTML 5Page - Gilway Technical Lamp E207 Datasheet HTML 6Page - Gilway Technical Lamp E207 Datasheet HTML 7Page - Gilway Technical Lamp E207 Datasheet HTML 8Page - Gilway Technical Lamp E207 Datasheet HTML 9Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 and T-1¾ ,Ultra Bright, Red GaAlAs LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E169
T-1
Clear
360mcd
500mcd
50°
1.85V
2.50V
660nm
A
2
E170
T-1
Clear
500mcd
700mcd
50°
1.85V
2.50V
660nm
A
3
E171
T-1
Clear
700mcd
1000mcd
50°
1.85V
2.50V
660nm
A
4
E197
T-1
Clear
1200mcd
1400mcd
50°
1.85V
2.50V
660nm
A
5
E181
T-1¾
Clear
500mcd
1000mcd
30°
1.85V
2.5V
660nm
B
6
E183
T-1¾
Clear
1300mcd
1600mcd
30°
1.85V
2.5V
660nm
B
7
E184
T-1¾
Clear
2000mcd
3500mcd
30°
1.85V
2.5V
660nm
B
8
E301
T-1¾
Diffused
110mcd
200mcd
60°
1.85V
2.5V
660nm
B
9
E303
T-1¾
Diffused
200mcd
300mcd
60°
1.85V
2.5V
660nm
B
10
E304
T-1¾
Diffused
300mcd
500mcd
60°
1.85V
2.5V
660nm
B
• RED
• RED
• RED
• RED
• RED
• RED
• RED
• RED
• RED
• RED
A
1MAX
1
.5
1.5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
B
D
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
C
T-1 and T-1¾, Ultra Bright, Orange InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
11
E199
T-1
Orange
500mcd 1600mcd
50°
1.8V
2.3V
620nm
C
Translucent
12
E194
T-1¾
Orange
700mcd 3000mcd
30°
1.8V
2.3V
620nm
D
Translucent
• ORANGE
• ORANGE
F
E
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
T-1 and T-1¾, Ultra Bright , Yellow InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
13
E198
T-1
Yellow
300mcd
1000mcd
50°
2.0V
2.5V
595nm
E
Translucent
14
E195
T-1¾
Yellow
400mcd
1600mcd
30°
2.0V
2.5V
595nm
F
Translucent
• YELLOW
• YELLOW
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com