Electronic Components Datasheet Search
  English  ▼

X  

7580 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # 7580
Description  T-1 Subminiature Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

7580 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  7580 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¼ Subminiature Lamps
Part No.
Part No.
Part No.
Line
Wire
Miniature
Bi-Pin
Filament
Life
No.
Lead
Flanged
Volts
Amps
M.S.C.P.
Type
Hours
13
2135
7302
7306
1.3
0.030
0.006
S-2
100
14
8631
8636
7636
1.35
0.060
0.006
C-2R
500
15
8655
8656
7307
2.5
0.400
0.55
C-2R
30
16
324
8637
7637
3.0
0.190
0.25
C-2R
350
17
8816
7305
7308
4.5
0.285
0.80
C-2R
100
18
580
3582
7580
5.0
0.060
0.03
C-2R
100,000
19
583
3585
7583
5.0
0.060
0.05
C-2R
100.000
20
515
3518
7515
5.0
0.115
0.15
C-2R
40,000
21
8661
8660
7660
6.0
0.040
0.06
C-2R
1,000
22
2114
8541
7309
6.0
0.060
0.13
C-2R
3,000
23
634
8628
7628
6.0
0.200
0.63
C-2R
1,000
24
8610
8551
7310
6.3
0.200
0.55
C-2R
5,000
25
8608
8609
7311
10.0
0.070
0.14
C-2F
10,000
26
8640
8646
7646
14.0
0.080
0.50
C-2F
1,000
27
8627
8632
7632
28.0
0.040
0.32
C-2F
1,000
4.27 MAX
2.54
T-1¼ Bi-Pin
T-1¼ Miniature Flanged
T-1¼ Wire Lead


Similar Part No. - 7580

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
7580 ASM-SENSOR-7580 Datasheet
3Mb / 16P
IMPEDANZ-ANALYSATOR
logo
Cooper Bussmann, Inc.
7580 COOPER-7580 Datasheet
3Mb / 81P
Locking Devices
logo
Molex Electronics Ltd.
75800-0001 MOLEX-75800-0001 Datasheet
186Kb / 2P
0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
75800-0002 MOLEX-75800-0002 Datasheet
186Kb / 2P
0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
logo
Turck, Inc.
7580000 TURCK-7580000 Datasheet
248Kb / 4P
Isolating switching amplifier 1-channel
2023-07-21
More results

Similar Description - 7580

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
subminiature t-3/4 5-volt resistor lamps
MR5000 QT-MR5000 Datasheet
145Kb / 3P
SUBMINIATURE T-3/4 RESISTOR LAMPS
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Gilway Technical Lamp
1045 GILWAY-1045 Datasheet
82Kb / 1P
T-1 Lamps, Visible-Infrared
1728 GILWAY-1728 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
7100 GILWAY-7100 Datasheet
33Kb / 1P
T- Subminiature Lamps
8798 GILWAY-8798 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Marktech Corporate
MT630-HR MARKTECH-MT630-HR Datasheet
48Kb / 1P
T-1 TAPERED LED LAMPS
logo
List of Unclassifed Man...
L424HDT ETC-L424HDT Datasheet
182Kb / 6P
T-1 CYLINDICAL LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com