Electronic Components Datasheet Search
  English  ▼

X  

E2003 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # E2003
Description  SURFACE MOUNT 10BASE-T INTERFACE MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E2003 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  E2003 Datasheet HTML 1Page - Pulse A Technitrol Company E2003 Datasheet HTML 2Page - Pulse A Technitrol Company E2003 Datasheet HTML 3Page - Pulse A Technitrol Company E2003 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pulseeng.com
2
E115.C (
5/07)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811
Resistor Values (
Ω)
Part
IC
Number
Manufacturer
R1
R2
R3
R4
R5
R6
R7
PE-68025
AMD
TXD (+) = 61.9
TXP (+) = 422
TXD (-) = 61.9
TXP (-) = 422
1.2k
RX (+) = 49.9
RX (-) = 49.9
PE-68026
Various
⎯⎯
⎯
⎯
⎯
⎯
⎯
PE-68027
National
TXOD (-) = 274
TXO (+) = 66.5
TXO (-) = 66.5
TXOD (+) = 274
806
RX (+) = 49.9
RX (-) = 49.9
LOW PASS
FILTER
16
14
12
9
11
LOW PASS
FILTER
10
100 W
RECEIVE CHANNEL
CHIP SIDE
UTP SIDE
1:1
LOW PASS
FILTER
5
8
6
LOW PASS
FILTER
7
100 W
4
3
2
1
TRANSMIT CHANNEL
CHIP SIDE
UTP SIDE
R1
R2
R3
R4
1:1
NOTE: PE-68026 does not contain resistors. They are an external configuration.
Schematic
PE-68025, PE-68026, PE-68027
Typical Application Circuit
PE-68025, PE-68026, PE-68027
LPF
ANALOG INTERFACE MODULE
RJ-45
CONNECTOR
UTP
TD-
TD+
RD+
RD-
TWISTED
PAIR
TRANSMIT
OUTPUTS
16
LPF
LPF
LPF
RXI+
RXI-
14
13 12
11
10
9
13
5
6
7
8
2
1
3
6
.01µF
24
R1 R2
R3
R4
R5
R6 R7
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com