Electronic Components Datasheet Search
  English  ▼

X  

PE792003 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PE792003
Description  RFI Filter Module Combines IEC Connector, Fusing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE792003 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PE792003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
1-800-657-0853
Dimensions are in inches and millimeters
unless otherwise specified.
Values in parentheses are metric equivalents.
55
INSTALLATION INSTRUCTION
IMPORTANT – CHANGING
FUSE/VOLTAGE
PE7/PE8
To change fuse, remove power cord
and open the front cover on the module.
Remove fuse holder and replace fuse.
Reinsert fuse holder and close cover.
To change the operating voltage on the
PE7 Series, remove the power cord and
open front cover. Rotate voltage select
wheel until desired voltage appears in
window of cover.
• Filter shipped without fuse.
Always use caution when selecting
and changing fuses and voltage
requirements. Curtis Industries is not
responsible for malfunction due to
improper installation/selection of fuse
and/or voltage select.
SERIES
PE = Power Entry
VOLTAGE SELECTOR
0 = No Selector (PE80 Series)
1 = 110-220-240 VAC
2 = 100-120-220-240 VAC
3 = 115-230 VAC
OPTIONS
(Consult Factory)
0 = Standard Units
SWITCH
0 = No Switch
1 = SPST Rocker Switch
w/Q.C.
2 = DPST Rocker Switch
w/Q.C.
CURRENT RATING
3 = 3 AMP
6 = 6 AMP
MOUNTING
METHOD & FUSING
0 = Snap Mount Metric Fuse
1 = Snap Mount U.S. Fuse
2 = Snap Mount 2 Metric Fuse
3 = Snap Mount 2 U.S. Fuses
6 = Screw Mount Metric Fuse
7 = Screw Mount U.S. Fuse
8 = Screw Mount 2 Metric Fuses
9 = Screw Mount 2 U.S. Fuses
How to Order
PE7
PE8
X
X
X
X
X
PE7/PE8 Screw Mount Series
1.10
(27,9)
2.20
(55,9)
1.575
(40,0)
4-40
(M3)
.08
(2,0)
R
1.122
(28,50)
PE7/PE8 Snap-Mount Series
.08
(2,0)
R
*Panel Thickness
Cutout
.031" - .079" use 2.20"
.080" - .125" use 2.22"
2.20
(55,9)
1.122
(28,50)
*See Below



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com