Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # 8022
Description  T-1 Subminiature Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

8022 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  8022 Datasheet HTML 1Page - Gilway Technical Lamp 8022 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-¾ Bi-Pin
T-1 Subminiature Lamps
Part No.
Part No.
Part No.
Line
Wire
Miniature
Bi-Pin
Filament
Life
No.
Lead
Flanged
Volts
Amps
M.S.C.P.
Type
Hours
17
8798
7244
7252
1.25
0.012
0.004
C-6
1,000
18
8910
7245
7253
1.35
0.220
0.02
C-2R
10,000
19
7200
7225
3225
1.5
0.010
0.002
C-2R
2,000
20
7201
7226
7254
1.5
0.015
0.005
C-2R
1,000
21
7203
8102
7255
1.5
0.075
0.03
C-2R
16,000
22
801
——
——
2.4
0.145
0.18
C-2R
3,000
23
8601
7246
7256
2.5
0.015
0.001
C-2R
10,000
24
8732
7247
7732
2.5
0.100
0.10
C-2R
10,000
25
8711
7248
7257
2.5
0.320
0.21
C-2R
5,000
26
8846
7249
7258
3.0
0.008
0.001
C-2R
16,000
27
7205
7229
3229
3.0
0.015
0.02
C-2R
5,000
28
7207
7231
7260
3.0
0.060
0.03
C-2R
100,000
29
7208
7232
7261
3.0
0.120
0.15
C-2R
16,000
30
8602
8605
7262
5.0
0.017
0.005
C-2R
10,000
31
6022
8022
7022
5.0
0.021
0.034
C-2R
10,000
32
7210
7234
7263
5.0
0.030
0.03
C-2R
16,000
33
8729
7250
7264
5.0
0.045
0.04
C-2R
10,000
34
680
682
7680
5.0
0.060
0.03
C-2R
100,000
35
683
685
7683
5.0
0.060
0.05
C-2R
100,000
36
6150
6180
7265
5.0
0.060
0.15
C-2R
5,000
37
713
714
7714
5.0
0.075
0.09
C-2R
25,000
38
7211
7235
7266
5.0
0.080
0.16
C-2R
3,000
39
715
718
7715
5.0
0.115
0.15
C-2R
40,000
40
7213
7236
7267
5.0
0.115
0.20
C-2R
5,000
41
7216
7239
7268
5.0
0.125
0.22
C-2R
5,000
42
8096
7251
7269
5.0
0.145
0.16
C-2R
10,000
43
7218
7240
8095
10.0
0.027
0.10
C-2F
10,000
44
——
228
——
12.0
0.040
0.13
——
10,000
45
7219
32
8097
12.0
0.060
0.15
C-2F
16,000
46
8111
8112
8098
14.0
0.065
0.15
C-2F
16,000
47
7220
7241
8099
18.0
0.026
0.15
C-2F
16,000
48
6838
6839
7839
28.0
0.024
0.15
CC-2F
16,000
T-1 Wire Lead
3.18 MAX
25
6.4 MAX
T-1 Miniature Flanged
1.27
3.18 MAX
T-1Bi-Pin


Similar Part No. - 8022

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8022 FILTRAN-8022 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Belden Inc.
8022 BELDEN-8022 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
logo
Heyco.
8022 HEYCO-8022 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
8022 BURKERT-8022 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
logo
Belden Inc.
8022-000100 BELDEN-8022-000100 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
More results

Similar Description - 8022

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
subminiature t-3/4 5-volt resistor lamps
MR5000 QT-MR5000 Datasheet
145Kb / 3P
SUBMINIATURE T-3/4 RESISTOR LAMPS
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Gilway Technical Lamp
1045 GILWAY-1045 Datasheet
82Kb / 1P
T-1 Lamps, Visible-Infrared
1728 GILWAY-1728 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
2135 GILWAY-2135 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
7100 GILWAY-7100 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Marktech Corporate
MT630-HR MARKTECH-MT630-HR Datasheet
48Kb / 1P
T-1 TAPERED LED LAMPS
logo
List of Unclassifed Man...
L424HDT ETC-L424HDT Datasheet
182Kb / 6P
T-1 CYLINDICAL LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com