Electronic Components Datasheet Search
  English  ▼

X  

FSC5002U Datasheet(PDF) 1 Page - Meder Electronic

Part # FSC5002U
Description  HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

FSC5002U Datasheet(HTML) 1 Page - Meder Electronic

  FSC5002U Datasheet HTML 1Page - Meder Electronic FSC5002U Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRAWING NUMBER
REV.
Millimeters
2 Place Dec.
1 Place Dec.
When Unspecified
Scale :
Inches
2 Place Dec.
3 Place Dec.
Fractions
-
+
-+
+
-
Angles
TOLERANCES
DRAWING NUMBER
Dwn.
App'd.
TITLE
-
+
-+
+
-
Standex
Electronics
a
Standex company
DATE
CINCINNATI
OHIO
REV.
This drawing and the information and technical data contained hereon,
are confidential and proprietary to
Standex Electronics
and shall
not be used in whole or in part without
Standex
written consent
FSC 5002U
4/2/2012
CCR
N/A
FSC 5002U
3
3
.005
.01
1°
4/3/2012
DCJ
FPS-B
NOTES:
1. FLOAT MATERIAL: POLYPROPYLENE, WHITE
2. HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
3. BRACKET MATERIAL: 22 GA, 304 2B STAINLESS STEEL
4. O-RING MATERIAL: SILICONE
5. OPERATING TEMPERATURES UP TO 70°C
6. STORAGE TEMPERATURE UP TO 105°C
7. ELECTRICAL CHARACTERISTICS:
- POWER RATING (MAX)
50VA
- SWITCHING VOLTAGE (MAX)
200 VDC, 150 VAC
- BREAKDOWN VOLTAGE (MIN)
250VDC
- CONTACT ARRANGEMENT
SPST
- SWICHING CURRENT (MAX)
1.5 A DC, 1.5 A AC
- CARRY CURRENT (MAX)
2.5 A DC, 2.5 A AC
- CONTACT RESISTANCE
100 m
- INSULATION RESISTANCE (MIN)
10¹²
- SWITCH AGENCY LISTED
UL E122752
8. WIRE CONNECTIONS: 18AWG UL1007/1569 OR UL2468
9. FLOAT SPECIFIC GRAVITY: 0.75 (REFERENCE ONLY)
10. PLASTIC MATERIAL REGULATORY COMPLIANCE: FDA, RoHS, UL
11. CONFORMS TO UL508
12. MUST PASS MINUMUM OF 30 LBS. WIRE PULL TEST USING DEAD
WEIGHT FOR ONE MINUTE
INSTALLATION INSTRUCTIONS
* SLIDE BRACKET CLIP OVER SIDE OF PAN
* SECURE BRACKET WITH TAPE AS NEEDED
* ADJUST THREAD POSITION TO SET SENSOR ACTIVATION HEIGHT
* REMOVE SENSOR TO CLEAN & INSPECT
BOM FOR PACKAGE
ITEM
QTY.
SENSOR
1
ADJUSTMENT NUT
2
BRACKET
1
DRAIN PAN BRACKET
SENSOR
ADJUSTMENT NUT
ADJUSTMENT NUT
WIRE: 6 FEET
1.13"
1.02"
2.18"
O .80"
.56" ±.09
SENSOR ACTIVATION
WATER LEVEL @
MARKING
DETAIL
MARKING LOCATION


Similar Part No. - FSC5002U

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
FSC5002U STANDEX-FSC5002U Datasheet
42Kb / 1P
FPS-B
REV.3 4/3/2012
More results

Similar Description - FSC5002U

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428204222 MOLEX11-0428204222 Datasheet
276Kb / 1P
Housing Material
logo
Meder Electronic
FPSC5001U MEDER-FPSC5001U Datasheet
130Kb / 2P
FLOAT MATERIAL: POLYPROPYLENE, WHITE
FPSC5002U MEDER-FPSC5002U Datasheet
70Kb / 2P
FLOAT MATERIAL: POLYPROPYLENE, WHITE
logo
Mallory Sonalert Produc...
ZT120LACTY30 MSPI-ZT120LACTY30 Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LADP2R MSPI-ZT120LADP2R Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LADP3R MSPI-ZT120LADP3R Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1G MSPI-ZT120LAFP1G Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1R15 MSPI-ZT120LAFP1R15 Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
logo
Hirose Electric
GT21-1P-R HIROSE-GT21-1P-R Datasheet
44Kb / 1P
Connector Retainer For GT21 Housing
11.09.30
GT21-1S-R HIROSE-GT21-1S-R Datasheet
45Kb / 1P
Connector Retainer For GT21 Housing
10.02.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com