Electronic Components Datasheet Search
  English  ▼

X  

GBC556 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GBC556
Description  The GBC556 is designed for drive and output-stages of audio amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GBC556 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GBC556 Datasheet HTML 1Page - E-Tech Electronics LTD GBC556 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBC556
Page: 1/2
ISSUED DATE :2005/03/25
REVISED DATE :2005/10/21B
G
G B
B C
C 555566
P
P N
N P
P S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GBC556 is designed for drive and output-stages of audio amplifiers.
Features
&High DC Current Gain: 120~800 @VCE=-5V, IC=-2mA
&
Complementary to GBC546
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings (TA=25 )
::::
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-65
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current (continuous)
IC
-100
mA
Total Device Dissipation @ TA =25 :
Derate above 25 :
PD
625
5.0
mW
mW/ :
Total Device Dissipation @ TC =25 :
Derate above 25 :
PD
1.5
12
W
mW/ :
Operating and Storage Junction Temperature
TJ, Tstg
-55 ~ +150
:
Thermal Resistance, Junction to Ambient
R JA
200
: /W
Thermal Resistance, Junction to Case
R JC
83.3
: /W
Electrical Characteristics (TA = 25 : unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA, IE=0
BVCEO
-65
-
-
V
IC=-2mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICES
-
-
-100
nA
VCE=-40V, VBE=0
*VCE(sat)1
-
-0.075
-0.3
V
IC=-10mA, IB=-0.5mA
*VCE(sat)2
-
-0.25
-0.65
V
IC=-100mA, IB=-5mA
*VBE(sat)1
-
-0.7
-
V
IC=-10mA, IB=-0.5mA
*VBE(sat)2
-
-1.0
-
V
IC=-100mA, IB=-5mA
*VBE(on)1
-0.55
-0.62
-0.7
V
VCE=-5V, IC=-2mA
*VBE(on)2
-
-0.7
-0.82
V
VCE=-5V, IC=-10mA
*hFE
120
-
800
VCE=-5V, IC=-2mA
fT
-
280
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
Cob
-
3.0
6.0
pF
VCB=-10V, IC=0, f=1MHz
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE
Rank
A
B
C
Range
120 ~ 220
180 ~ 460
420 ~ 800
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - GBC556

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
More results

Similar Description - GBC556

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC1940 NJSEMI-2SC1940_13 Datasheet
123Kb / 2P
The 2SC1940 is designed for use in driver stages of audio frequency amplifiers
logo
E-Tech Electronics LTD
GBC327 ETL-GBC327 Datasheet
191Kb / 3P
The GBC327 is designed for drive and output-stages of audio amplifiers
GBC328 ETL-GBC328 Datasheet
191Kb / 3P
The GBC328 is designed for drive and output-stages of audio amplifiers
GBC337 ETL-GBC337 Datasheet
188Kb / 3P
The GBC337 is designed for drive and output-stages of audio amplifiers
GBC338 ETL-GBC338 Datasheet
189Kb / 3P
The GBC338 is designed for drive and output-stages of audio amplifiers
GBC546 ETL-GBC546 Datasheet
167Kb / 2P
The GBC546 is designed for drive and output-stages of audio amplifiers
GBC547 ETL-GBC547 Datasheet
171Kb / 2P
The GBC547 is designed for drive and output-stages of audio amplifiers
GBC548 ETL-GBC548 Datasheet
171Kb / 2P
The GBC548 is designed for drive and output-stages of audio amplifiers
GBC557 ETL-GBC557 Datasheet
186Kb / 2P
The GBC557 is designed for drive and output-stages of audio amplifiers
GBC558 ETL-GBC558 Datasheet
186Kb / 2P
The GBC558 is designed for drive and output-stages of audio amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com