Electronic Components Datasheet Search
  English  ▼

X  

GBC856 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GBC856
Description  The GBC856 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GBC856 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GBC856 Datasheet HTML 1Page - E-Tech Electronics LTD GBC856 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G B
B C
C 885566
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GBC856 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-65
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA
BVCEO
-65
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-15
nA
VCB=-30V
VCE(sat)1
-
-75
-300
mV
IC=-10mA, IB=-0.5mA
VCE(sat)2
-
-250
-650
mV
IC=-100mA, IB=-5mA
VBE(sat)1
-
-700
-
mV
IC=-10mA, IB=-0.5mA
VBE(sat)2
-
-850
-
mV
IC=-100mA, IB=-5mA
VBE(on)1
-600
-
-750
mV
VCE=-5V, IC=-2mA
VBE(on)2
-
-
-820
mV
VCE=-5V, IC=-10mA
hFE
75
-
800
VCE=-5V, IC=-2mA
fT
-
150
-
MHz
VCE=-5V, IC=-10mA
Cob
-
4.5
-
pF
VCB=-10V, f=1MHz


Similar Part No. - GBC856

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBC856 GTM-GBC856 Datasheet
225Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GBC856

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAS16 ETL-GBAS16 Datasheet
146Kb / 2P
The GBAS16 is designed for high-speed switching application in hybrid thick and thin-film circuits
GBC807 ETL-GBC807 Datasheet
219Kb / 2P
The GBC807 is designed for switching and AF amplifier application, suitable for driver storages and low power output storages
GBC817 ETL-GBC817 Datasheet
211Kb / 2P
The GBC817 is designed for switching and AF amplifier application, suitable for driver storages and low power output storages.
GBC846 ETL-GBC846 Datasheet
236Kb / 2P
The GBC846 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits.
GBC847 ETL-GBC847 Datasheet
238Kb / 2P
The GBC847 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits
GBC848 ETL-GBC848 Datasheet
223Kb / 2P
The GBC848 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits
GBC857 ETL-GBC857 Datasheet
214Kb / 2P
The GBC857 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits
GBC858 ETL-GBC858 Datasheet
217Kb / 2P
The GBC858 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits
logo
Unisonic Technologies
BC846ASG-AL6-R UTC-BC846ASG-AL6-R Datasheet
125Kb / 3P
Suitable for automatic insertion in thick and thin-film circuits
logo
SHIKUES Electronics
BC846S SKTECHNOLGY-BC846S Datasheet
510Kb / 2P
Ideally Suited for Automatic Insertion for Switching and AF Amplifier Apllication
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com