Electronic Components Datasheet Search
  English  ▼

X  

GD103SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD103SD
Description  S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD103SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD103SD Datasheet HTML 1Page - E-Tech Electronics LTD GD103SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/01/10
REVISED DATE :
G
G D
D 110033S
S D
D
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E
V O L T A G E 4 0 V, C U R R E N T 3 5 0 m A
Description
The GD103SD is designed for low forward voltage drop, guard ring construction for transient protection, negligible reverse recovery time
and low reverse capacitance.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstg
-65 ~ +125
:
Peak Repetitive Reverse Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current
IF
350
mA
Repetitive Peak Forward Current(t 1.0s)
IFRM
1.5
A
Thermal Resistance Junction to Ambient
R JA
625
: /W
Total Power Dissipation at Ta = 25 :
PD
225
mW
Characteristics at Ta = 25 ::::
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR=10 A
VF(1)
-
-
370
mV
IF=20mA
Forward Voltage
VF(2)
-
-
600
mV
IF=200mA
Reverse Leakage Current
IR
-
-
5.0
A
VR=30V
Total Capacitance
CT
-
5.0
-
pF
VR=0V, f=1MHz
Reverse Recover Time
Trr
-
10
-
ns
IF=IR=200mA, IR(Rec)=20mA, RL=100 Ł


Similar Part No. - GD103SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD103SD GTM-GD103SD Datasheet
195Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GD103SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAS70 ETL-GDBAS70 Datasheet
133Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GMBD1201-A-C-S ETL-GMBD1201-A-C-S Datasheet
298Kb / 3P
S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 1 0 0 V, C U R R E N T 2 0 0mA
GMBD2004-A-C-S ETL-GMBD2004-A-C-S Datasheet
340Kb / 2P
S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 1 0 0 V, C U R R E N T 2 0 0mA
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GSBAS40 ETL-GSBAS40 Datasheet
214Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com