Electronic Components Datasheet Search
  English  ▼

X  

GD500SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD500SD
Description  The GD500SD is designed for low power rectification and high reliability.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD500SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD500SD Datasheet HTML 1Page - E-Tech Electronics LTD GD500SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/20
REVISED DATE :
G
G D
D 550000S
S D
D
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S C
C H
H O
O T
T T
T K
K Y
Y B
B A
A R
R R
R II E
E R
R D
D II O
O D
D E
E
V O L T A G E 4 5 V, C U R R E N T 0 . 1 A
Description
The GD500SD is designed for low power rectification and high reliability.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-40 ~ +125
Maximum Peak Repetitive Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
32
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
1.0
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
6.0
pF
Maximum Average Forward Rectified Current
Io
0.1
A
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Max
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
0.45
V
IF = 10mA
Maximum Average Reverse Current
IR
1.0
uA
VR = 10V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 10.0 volt.
2. ESD sensitive product handling required.


Similar Part No. - GD500SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD500SD GTM-GD500SD Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GD500SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G411SD ETL-G411SD Datasheet
210Kb / 2P
The G411SD is designed for low power rectification
G420SD ETL-G420SD Datasheet
245Kb / 2P
The G420SD is designed for low power rectification.
G421SD ETL-G421SD Datasheet
231Kb / 2P
The G421SD is designed for low power rectification
G494SD ETL-G494SD Datasheet
320Kb / 2P
The G494SD is designed for low power rectification
GD411SD ETL-GD411SD Datasheet
131Kb / 2P
The GD411SD is designed for low power rectification
GD420SD ETL-GD420SD Datasheet
167Kb / 2P
The GD420SD is designed for low power rectification.
GD421SD ETL-GD421SD Datasheet
175Kb / 2P
The GD421SD is designed for low power rectification
GD501SD ETL-GD501SD Datasheet
144Kb / 2P
The GD501SD is designed for low power rectification and high reliability.
GD551SD ETL-GD551SD Datasheet
144Kb / 2P
The GD551SD is designed for low power rectification and high reliability.
GS411SD ETL-GS411SD Datasheet
134Kb / 2P
The GS411SD is designed for low power rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com