Electronic Components Datasheet Search
  English  ▼

X  

GD751SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD751SD
Description  The GD751SD is designed for high speed switching for detection and high reliability.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD751SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD751SD Datasheet HTML 1Page - E-Tech Electronics LTD GD751SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/20
REVISED DATE :
G
G D
D 775511S
S D
D
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S C
C H
H O
O T
T T
T K
K Y
Y B
B A
A R
R R
R II E
E R
R D
D II O
O D
D E
E
V O L T A G E 4 0 V, C U R R E N T 0 . 0 3 A
Description
The GD751SD is designed for high speed switching for detection and high reliability.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-40 ~ +125
Maximum Peak Repetitive Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
0.2
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
2.0
pF
Maximum Average Forward Rectified Current
Io
0.03
A
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Max
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
0.37
V
IF = 1mA
Maximum Average Reverse Current
IR
0.5
uA
VR = 30V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 1.0 volt.
2. ESD sensitive product handling required.


Similar Part No. - GD751SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GD751SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G705SD ETL-G705SD Datasheet
250Kb / 2P
The G705SD is designed for general purpose detection and high speed switching
G706SD ETL-G706SD Datasheet
244Kb / 2P
The G706SD is designed for general purpose detection and high speed switching
GBAV151 ETL-GBAV151 Datasheet
312Kb / 2P
The GBAV151 is designed for ultra high speed switching application
GBAV152 ETL-GBAV152 Datasheet
313Kb / 2P
The GBAV152 is designed for ultra high speed switching application
GD501SD ETL-GD501SD Datasheet
144Kb / 2P
The GD501SD is designed for low power rectification and high reliability.
GDMBD2004 ETL-GDMBD2004 Datasheet
225Kb / 2P
The GDMBD2004 is designed for ultra high speed switching
GP202K ETL-GP202K Datasheet
173Kb / 2P
The GP202K is designed for ultra high speed switching.
GS705SD ETL-GS705SD Datasheet
179Kb / 2P
The GS705SD is designed for general purpose detection and high speed switching
GS706SD ETL-GS706SD Datasheet
174Kb / 2P
The GS706SD is designed for general purpose detection and high speed switching.
GS717SD ETL-GS717SD Datasheet
180Kb / 2P
The GS717SD is designed for general purpose detection and high speed switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com