Electronic Components Datasheet Search
  English  ▼

X  

GDBAS16 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GDBAS16
Description  S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDBAS16 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GDBAS16 Datasheet HTML 1Page - E-Tech Electronics LTD GDBAS16 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GDBAS16
Page: 1/2
ISSUED DATE :2006/12/12
REVISED DATE :
G
G D
D B
B A
AS
S 1166
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 8 5 V, C U R R E N T 2 5 0 m A
Description
The GDBAS16 is designed for high-speed switching application in hybrid thick and thin-film circuits.
The devices is manufactured by the silicon epitaxial planar process and packed in a plastic surface mount
package.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-65 ~ +150
:
Reverse Voltage
VR
85
V
Repetitive Reverse Voltage
VRRM
85
V
Forward Current
IO
250
mA
Repetitive Forward Current
IFM
500
mA
Forward Surge Current (1ms)
IFSM
1000
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Characteristic
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
85
-
V
IR=100uA
VF(1)
-
715
mV
IF=1mA
VF(2)
-
855
mV
IF=10mA
VF(3)
-
1000
mV
IF=50mA
Forward Voltage
VF(4)
-
1250
mV
IF=150mA
Reverse Current
IR
-
1
uA
VR=85V
Total Capacitance
CT
2
pF
VR=0, f=1MHz
Reverse Recovery Time
Trr
-
6
nS
IF=IR=10mA, RL=100 measured at IR=1mA


Similar Part No. - GDBAS16

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDBAS16 GTM-GDBAS16 Datasheet
116Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GDBAS16

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD103SD ETL-GD103SD Datasheet
197Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GDMBD4148 ETL-GDMBD4148 Datasheet
282Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GSBAS16 ETL-GSBAS16 Datasheet
121Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
GSBAV99W ETL-GSBAV99W Datasheet
162Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 0 . 1 5 A
GSMBD4148 ETL-GSMBD4148 Datasheet
283Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GSN202U ETL-GSN202U Datasheet
162Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSN217U ETL-GSN217U Datasheet
143Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSP202U ETL-GSP202U Datasheet
161Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com