Electronic Components Datasheet Search
  English  ▼

X  

GDBAS70 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GDBAS70
Description  S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDBAS70 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GDBAS70 Datasheet HTML 1Page - E-Tech Electronics LTD GDBAS70 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GDBAS70
Page: 1/2
ISSUED DATE :2005/12/29
REVISED DATE :
G
G D
D B
B A
AS
S 7700
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E
V O L T A G E 7 0 V, C U R R E N T 7 0 m A
Description
The GDBAS70 is designed for high speed switching applications, circuit protection and voltage clamping.
Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand
held and portable applications where space is limited.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Operating Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-65 ~ +125
:
Maximum Repetitive Peak Reverse Voltage
VRRM
70
V
Maximum Average Forward Rectified Current
Io
70
mA
Non- Repetitive Peak Forward Surge Current @ tp 1.0s
IFSM
100
mA
Thermal Resistance Junction to Ambient Air
R JA
445
: /W
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
70
-
-
V
IR=10 A
-
-
410
IF1=1mA
-
-
750
IF1=10mA
Forward Voltage
VF
-
-
1000
mV
IF2=15mA
-
100
nA
VR1=50V
Reverse Leakage Current
IR
-
10
uA
VR2=70V
Total Capacitance
CT
-
-
2.0
pF
VR=0V, f=1MHz
Reverse Recover Time
Trr
-
-
5.0
ns
IF=IR=10mA, RL=100 , Irr=1mA


Similar Part No. - GDBAS70

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDBAS70 GTM-GDBAS70 Datasheet
127Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GDBAS70

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD103SD ETL-GD103SD Datasheet
197Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GSBAS40 ETL-GSBAS40 Datasheet
214Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com