Electronic Components Datasheet Search
  English  ▼

X  

BAS21AVD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS21AVD
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS21AVD Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS21AVD Datasheet HTML 1Page - NXP Semiconductors BAS21AVD Datasheet HTML 2Page - NXP Semiconductors BAS21AVD Datasheet HTML 3Page - NXP Semiconductors BAS21AVD Datasheet HTML 4Page - NXP Semiconductors BAS21AVD Datasheet HTML 5Page - NXP Semiconductors BAS21AVD Datasheet HTML 6Page - NXP Semiconductors BAS21AVD Datasheet HTML 7Page - NXP Semiconductors BAS21AVD Datasheet HTML 8Page - NXP Semiconductors BAS21AVD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NXP Semiconductors
BAS21AVD
High-voltage switching diodes
BAS21AVD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
1 August 2013
2 / 11
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
A2
anode (diode 2)
3
A3
anode (diode 3)
4
K3
cathode (diode 3)
5
K2
cathode (diode 2)
6
K1
cathode (diode 1)
1
3
2
4
5
6
TSOP6 (SOT457)
006aab106
1
3
6
2
5
4
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BAS21AVD
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
7. Marking
Table 4.
Marking codes
Type number
Marking code
BAS21AVD
E6
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse voltage
-
250
V
VR
reverse voltage
-
200
V
IF
forward current
pulsed; tp ≤ 300 µs; δ ≤ 0.02
[1]
-
200
mA
IFRM
repetitive peak forward current tp ≤ 1 ms; δ ≤ 25 %
-
1
A
tp = 10 µs; Tj(init) = 25 °C; square wave
-
16
A
tp = 100 µs; Tj(init) = 25 °C; square wave
-
8
A
IFSM
non-repetitive peak forward
current
tp = 10 ms; Tj(init) = 25 °C; square wave
-
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com