Electronic Components Datasheet Search
  English  ▼

X  

SPX2431 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2431
Description  Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2431 Datasheet HTML 1Page - Sipex Corporation SPX2431 Datasheet HTML 2Page - Sipex Corporation SPX2431 Datasheet HTML 3Page - Sipex Corporation SPX2431 Datasheet HTML 4Page - Sipex Corporation SPX2431 Datasheet HTML 5Page - Sipex Corporation SPX2431 Datasheet HTML 6Page - Sipex Corporation SPX2431 Datasheet HTML 7Page - Sipex Corporation SPX2431 Datasheet HTML 8Page - Sipex Corporation SPX2431 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 1/19/05
SPX2431 Precision Adjustable Shunt Regulator
© Copyright 2005 Sipex Corporation
Precision Adjustable Shunt Regulator
SPX2431
DESCRIPTION
FEATURES
■ Trimmed Bandgap to 0.5% and 1.0%
■ Wide Operating Current 1mA to 100mA
■ Extended Temp. Range: 0°C to 105°C
■ Low Temperature Coefficient 30 ppm/°C
■ Offered in 3 Pin SOT-23 (M)
■ Replacement for TL431, AS2431
■ Low Noise Output
®
The SPX2431 is a 3-terminal adjustable shunt voltage regulator providing a highly accurate
bandgap reference.The SPX2431 acts as an open-loop error amplifier with a 2.5V temperature
compensation reference.The SPX2431’s thermal stability, wide operating current (100mA) and
temperature range (0°C to 105°C) makes it suitable for a variety of applications that require a
low cost, high performance solution. SPX2431A tolerance of 0.5% is proven to be sufficient to
overcome all of the other errors in the system to virtually eliminate the need for trimming in the
power supply manufacturer's assembly line and contribute a significant cost savings.
The output voltage may be adjusted to any value between VREF and 20 volts with two external
resistors. In the standard shunt configuration, the combination of a low temperature coefficient,
sharp turn on characteristics, low output impedance, and programmable output voltage makes
this precision reference an excellent error amplifier. The SPX2431 is available in SOT-23-3
package.
APPLICATIONS
■ Battery Operating Equipment
■ Adjustable Supplies
■ Switching Power Supplies
FUNCTIONAL DIAGRAM
+
-
2.5V
Reference
(R)
Anode (A)
Cathode (K)
Now Available in Lead Free Packaging
■ Error Amplifiers
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
SPX2431
3 Pin SOT-23
1
2
3
Top View
CATHODE
REF
ANODE


Similar Part No. - SPX2431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2431 SIPEX-SPX2431 Datasheet
142Kb / 9P
Precision Adjustable Shunt Regulator
SPX2431 SIPEX-SPX2431 Datasheet
144Kb / 9P
Precision Adjustable Shunt Regulator
SPX2431 SIPEX-SPX2431 Datasheet
133Kb / 9P
Precision Adjustable Shunt Regulator
SPX2431AM SIPEX-SPX2431AM Datasheet
142Kb / 9P
Precision Adjustable Shunt Regulator
SPX2431AM SIPEX-SPX2431AM Datasheet
144Kb / 9P
Precision Adjustable Shunt Regulator
More results

Similar Description - SPX2431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com