Electronic Components Datasheet Search
  English  ▼

X  

GE75NF75 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE75NF75
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE75NF75 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE75NF75 Datasheet HTML 1Page - E-Tech Electronics LTD GE75NF75 Datasheet HTML 2Page - E-Tech Electronics LTD GE75NF75 Datasheet HTML 3Page - E-Tech Electronics LTD GE75NF75 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GE75NF75
Page: 2/4
ISSUED DATE :2006/09/05
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
75
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
34
-
S
VDS=15V, ID=40A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±25V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=75, VGS=0
Drain-Source Leakage Current(Tj=55 : )
IDSS
-
-
5
uA
VDS=60V, VGS=0
Static Drain-Source On-Resistance3
RDS(ON)
-
-
11
m
VGS=10V, ID=37.5A
Total Gate Charge3
Qg
-
114
-
Gate-Source Charge
Qgs
-
33
-
Gate-Drain (“Miller”) Change
Qgd
-
18
-
nC
ID=30A
VDS=30V
VGS=10V
Turn-on Delay Time3
Td(on)
-
21
-
Rise Time
Tr
-
39
-
Turn-off Delay Time
Td(off)
-
70
-
Fall Time
Tf
-
24
-
ns
VDS=30V
VGS=10V
RG=3
RL=1
Input Capacitance
Ciss
-
7000
-
Output Capacitance
Coss
-
400
-
Reverse Transfer Capacitance
Crss
-
87
-
pF
VGS=0V
VDS=30V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage3
VSD
-
-
1.5
V
IS=75A, VGS=0V, Tj=25 :
Reverse Recovery Time3
Trr
-
53
-
ns
Reverse Recovery Charge
Qrr
-
143
-
nC
IS=30A, VGS=0V
dI/dt=100A/ s
Continuous Source Current (Body Diode)
IS
-
-
80
A
VD= VG=0V, VS=1.5V
Notes: 1. Pulse width limited by safe operating area.
2. Starting Tj=25 : , VDD=20V, L=0.1mH, RG=25 , IAS=20A.
3. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com