Electronic Components Datasheet Search
  English  ▼

X  

MAX15096D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15096D
Description  Integrated Hot-Swap/Electronic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15096D Datasheet HTML 1Page - Maxim Integrated Products MAX15096D Datasheet HTML 2Page - Maxim Integrated Products MAX15096D Datasheet HTML 3Page - Maxim Integrated Products MAX15096D Datasheet HTML 4Page - Maxim Integrated Products MAX15096D Datasheet HTML 5Page - Maxim Integrated Products MAX15096D Datasheet HTML 6Page - Maxim Integrated Products MAX15096D Datasheet HTML 7Page - Maxim Integrated Products MAX15096D Datasheet HTML 8Page - Maxim Integrated Products MAX15096D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VCC to GND ............................................................-0.3V to 20V
IN to GND..............................................................-0.3V to +20V
PG, PRSNT to GND..............................................-0.3V to +20V
OUT to GND...............................................-0.3V to (VIN + 0.3V)
GATE to OUT ..........................................................-0.3V to +6V
EN, UVOV to GND ..................................................-0.3V to +6V
TIMER, CB to GND ................................-0.3V to (VREG + 0.3V)
REG to GND............................-0.3V to min (+6V, (VCC + 0.3V))
Continuous Power Dissipation (TA = +70°C)
16-bump WLP (derate 20.4mW/°C above +70°C) ....1633mW
Operating Temperature Range......................... -40°C to +105°C
Junction Temperature..................................................... +150°C
Storage Temperature Range............................ -60°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Soldering Temperature (reflow)...................................... +260°C
Junction-to-Ambient Thermal Resistance (θJA)...................49°C/W
(Note 1)
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +105°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 10.5kΩ, and
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCC Operating Range
VCC
2.7
18
V
IN Operating Range
VIN
2.7
18
V
VCC Supply Current
ICC
VIN = VCC = 2.7V to 18V, enable
0.58
0.9
mA
VIN = VCC = 2.7V to 18V, disable
0.59
mA
IN Supply Current
IIN
RCB = 41.2kΩ, no load
3.3
3.8
mA
RCB = 10.5kΩ, no load
1.3
1.8
VCC Default Undervoltage Lockout
VUVLO
VCC rising
2.35
2.5
2.65
V
VCC Default Undervoltage-Lockout
Hysteresis
VUVLO_HYS
0.1
V
REG Regulator Voltage
VREG
No load, VCC > 4V
3
3.3
3.6
V
UV Turn-On Threshold
VUV_TH
VUVOV rising
0.536
0.55
0.564
V
UV Turn-On Threshold Hysteresis
VUV_HYS
VUVOV falling
50
mV
OV Turn-On Threshold
VOV_TH
VUVOV rising
1.199
1.23
1.261
V
OV Turn-On Threshold Hysteresis
VOV_HYS
VUVOV falling
50
mV
UVOV Input Leakage Current
ILEAK
VUVOV = 0 to 5.5V
-1
+1
µA
CURRENT LIMIT
Circuit-Breaker Accuracy (Note 3)
ICB_TH
VIN = 12V
RCB = 41.2kΩ
5.4
6
6.6
A
RCB = 10.5kΩ
1.14
1.27
1.40
Circuit-Breaker Accuracy Deviation
(Note 4)
RCB = 10.5kΩ to 21.5kΩ, compared to
nominal current-limit value, VIN = VCC
= 8V to 15V
-10
+10
%
RCB = 21.5kΩ to 41.2kΩ, compared to
nominal current-limit value
-10
+10
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com