Electronic Components Datasheet Search
  English  ▼

X  

P0599 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0599
Description  SMT POWER INDUCTORS Toroid - HCCI-80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0599 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0599 Datasheet HTML 1Page - Pulse A Technitrol Company P0599 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
76
SPM2007 (11/07)
SMT POWER INDUCTORS
Toroid - HCCI-80 Series
P059X
Date Code
Country of Origin
23
14
1.100
27,94
1.220 MAX
30,99
SUGGESTED PAD LAYOUT
.500 MAX
12,70
4 SURFACES
.006/0,15
.600
15,24
.400
10,16
1.097
27,86
.155
3,94
23
14
4X .320 ± .020
8,13 ± 0,51
1.000
25,40
4
1
2
3
1:1 ±1%
Weight . . . . . . . 18.7 grams
Tape & Reel. . . . . . . 75/reel
Tube . . . . . . . . . . . . 20/tube
Schematic
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 6
Pulse 4,5
Inductance
DCR (m
Ω
Ω)
Inductance
Reference
Flux Density
Core Loss
Temp. Rise
Part
@ Irated
Irated
@ 0ADC
ET
Factor
Factor
Factor
Connection
Number
(µH TYP)
(A)
TYP
MAX
(µH ±15%)
(Volt-µsec)
(K1)
(K2)
(K3)
P0599NL
1.1
38
1.1
1.3
2.1
4.20
0.62
1.50E-09
33.8
Parallel
P0598NL
1.6
34
1.4
1.6
3.9
4.20
0.48
1.50E-09
33.8
Parallel
P0597NL
2.45
27
2.2
2.5
5.7
6.00
0.39
1.50E-09
33.8
Parallel
P0596NL
3.2
24
3.0
3.5
8.0
4.20
0.33
1.50E-09
33.8
Parallel
P0599NL
4.3
19
4.4
5.1
8.4
8.40
0.31
1.50E-09
33.8
Series
P0595NL
4.52
19
4.2
4.8
10.5
9.00
0.29
1.50E-09
33.8
Parallel
P0598NL
6.4
17
5.6
6.4
15.6
8.40
0.24
1.50E-09
33.8
Series
P0597NL
9.8
13.5
8.8
10.1
22.8
12.00
0.20
1.50E-09
33.8
Series
P0596NL
12.8
12
12.0
13.8
32.0
8.40
0.17
1.50E-09
33.8
Series
P0595NL
18.1
9.5
16.8
19.3
42.0
18.00
0.14
1.50E-09
33.8
Series
Height: 12.7mm Max
Footprint: 31.0mm x 25.4mm Max
Current Rating: up to 38A
Inductance Range: 1.1µH to 18.1µH
1. Temperature rise is 55°C in typical buck or boost circuits operating
at 300kHz with the rated Idc current and reference ET applied to the
inductor.
2. Total loss in the inductor is 1.8W for 55°C temperature rise above
ambient.
3. In high volt-time applications, additional heating in the component
can occur due to core losses in the inductor which may necessitate
derating the current in order to limit the temperature rise of the
component. In order to determine the approximate total losses
(or temperature rise) for a given application, both copper and core
losses should be taken into account.
Estimated Temperature Rise:
Trise = K3 * (Coreloss(W) + Copperloss(W)).833 (C)
CopperLoss = Irms2 * DCR_Typical (m
Ω) / 1000
CoreLoss = K2 * (Freq_kHz)1.26 * (
ΔB)2.11
ΔB = K1 * Volt-µsec * 100
4. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. P0595NL becomes P0595NLT). Pulse
complies to industry standard tape and reel specification EIA481.
5. The "NL" suffix indicates an RoHS-compliant part number. Non-NL
suffixed parts are not necessarily RoHS compliant, but are electrically
and mechanically equivalent to NL versions. If a part number does
not have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
6. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.
NOTES:
Mechanical


Similar Part No. - P0599

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0599NL PULSE-P0599NL Datasheet
120Kb / 1P
SMT POWER INDUCTORS
P0599NL PULSE-P0599NL Datasheet
120Kb / 1P
SMT POWER INDUCTORS
More results

Similar Description - P0599

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
SMT POWER INDUCTORS Shielded Toroid
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
SMT POWER INDUCTORS Toroid - SLIC Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
SMT POWER INDUCTORS Toroid - Bobcat Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
SMT POWER INDUCTORS Toroid - Polecat Series
P0400 PULSE-P0400 Datasheet
133Kb / 2P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0402 PULSE-P0402 Datasheet
114Kb / 1P
SMT POWER INDUCTORS Toroid - Tomcat Series
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
SMT POWER INDUCTORS Toroid - Bobcat Series
P0175 PULSE-P0175 Datasheet
107Kb / 1P
SMT POWER INDUCTORS Toroid - Polecat Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com