Electronic Components Datasheet Search
  English  ▼

X  

GI5103 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GI5103
Description  N P N H I G H S P E E D S W I T C H I N G T R A N S I S T O R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GI5103 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GI5103 Datasheet HTML 1Page - E-Tech Electronics LTD GI5103 Datasheet HTML 2Page - E-Tech Electronics LTD GI5103 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G
I5103
Page: 2/3
ISSUED DATE :2005/10/03
REVISED DATE :
ton (Turn-on Time)
-
-
0.3
tstg (Storage Time)
-
-
1.5
tf (Fall Time)
-
0.1
0.3
uS
IC=3A , RL=10
IB1=-IB2=0.15A
VCC 30V
*Measure using pulse current
Switching Time Test Circuit
Characteristics Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com