Electronic Components Datasheet Search
  English  ▼

X  

GI8050 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GI8050
Description  N P N E P I T A X I A L T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GI8050 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GI8050 Datasheet HTML 1Page - E-Tech Electronics LTD GI8050 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
I8050
Page: 1/2
ISSUED DATE :2005/05/06
REVISED DATE :
G
G II88005500
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I8050 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
Features
*High Collector current (IC: 1.5A)
*Complementary to G
I8550
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
1.5
A
Base Current
IB
0.5
A
Junction Temperature
Tj
+150
:
Storage Temperature
TsTG
-55 ~ +150
:
Total Power Dissipation
PD
1.25
W
Electrical Characteristics (Rating at 25 :::: ambient temperature unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA
BVCEO
25
-
-
V
IC=2mA
BVEBO
6
-
-
V
IE=100uA
ICBO
-
-
100
nA
VCB=35V
IEBO
-
-
100
nA
VBE=6V
*VCE(sat)
-
-
0.5
V
lC=800mA, IB=80mA
*VBE(sat)
-
-
1.2
V
lC=800mA, IB=80mA
*VBE(on)
-
-
1.0
V
VCE=1V, IC=10mA
*hFE1
45
-
-
VCE=1V, IC=5mA
*hFE2
120
-
500
VCE=1V, IC=100mA
*hFE3
40
-
-
VCE=1V, IC=800mA
fT
100
-
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
9
-
pF
VCB=10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE2
Rank
C
D
E
Range
120 ~ 200
160 ~ 300
250 ~ 500
TO-251


Similar Part No. - GI8050

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI8050 GTM-GI8050 Datasheet
161Kb / 2P
NPN EPITAXIAL TRANSISTOR
More results

Similar Description - GI8050

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI8550 ETL-GI8550 Datasheet
182Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GJ8050 ETL-GJ8050 Datasheet
146Kb / 2P
N P N E P I T A X I A L T R A N S I S T O R
GM8050 ETL-GM8050 Datasheet
226Kb / 2P
N P N E P I T A X I A L T R A N S I S T O R
GM8550 ETL-GM8550 Datasheet
228Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT8550L ETL-GMBT8550L Datasheet
229Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT9012 ETL-GMBT9012 Datasheet
223Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT9013 ETL-GMBT9013 Datasheet
240Kb / 3P
N P N E P I T A X I A L T R A N S I S T O R
GMBT9014 ETL-GMBT9014 Datasheet
253Kb / 3P
N P N E P I T A X I A L T R A N S I S T O R
GMBT9018 ETL-GMBT9018 Datasheet
231Kb / 2P
N P N E P I T A X I A L T R A N S I S T O R
GSMBT9013 ETL-GSMBT9013 Datasheet
177Kb / 2P
N P N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com