Electronic Components Datasheet Search
  English  ▼

X  

2N3029 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N3029
Description  SILICON PNPN PASSIVATED PLANAR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N3029 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N3029 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N3029

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3029 MICROSEMI-2N3029 Datasheet
301Kb / 6P
SCRs 0.5 Amp, Planear
logo
Digitron Semiconductors
2N3029 DIGITRON-2N3029 Datasheet
367Kb / 7P
0.5 AMP SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N3029

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR06A JIANGSU-PCR06A Datasheet
231Kb / 3P
Silicon Planar pnpn Thyristor
logo
New Jersey Semi-Conduct...
2N3027 NJSEMI-2N3027 Datasheet
195Kb / 1P
SILICON PNPN PASSIVATED PLANAR CONTROLLED SWITCH
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
SeCoS Halbleitertechnol...
PCR406 SECOS-PCR406 Datasheet
43Kb / 1P
Silicon Planar PNPN Thyristors
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-6 FS-MCR100-6 Datasheet
245Kb / 2P
Silicon Planar PNPN Thyristor
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
MCR100-6-F FS-MCR100-6-F Datasheet
210Kb / 2P
Silicon Planar PNPN Thyristor
2011. 12. 06 Revision No : 0
MCR100-8F-B FS-MCR100-8F-B Datasheet
209Kb / 2P
Silicon Planar PNPN Thyristor
2022. 04. 15 Revision No : 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com