Electronic Components Datasheet Search
  English  ▼

X  

FR601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FR601
Description  6.0A FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR601 Datasheet(HTML) 1 Page - Diodes Incorporated

  FR601 Datasheet HTML 1Page - Diodes Incorporated FR601 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS26004 Rev. 5 - 3
1 of 2
FR601-FR607
www.diodes.com
ã Diodes Incorporated
·
Low Reverse Recovery Time
·
Low Reverse Current
·
Low Forward Voltage Drop
·
High Current Capability
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Case: R-6, Molded Plastic
·
Terminals: Axial Leads, Solderable per
MIL-STD-202 Method 208
·
Polarity: Color Band Denotes Cathode
·
Weight: 1.7 grams (approx.)
·
Mounting Position: Any
Characteristic
Symbol
FR
601
FR
602
FR
603
FR
604
FR
605
FR
606
FR
607
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
9.5mm Lead Length
@ TA=75
°C
I(AV)
6.0
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method)
IFSM
300
A
Maximum Instantaneous Forward Voltage
@ 6.0A DC
VF
1.3
V
Maximum DC Reverse Current at Rated Blocking Voltage
@ TA = 25
°C
IR
10
mA
Maximum Full Load Reverse Current
Full Cycle Average 9.5mm lead length
@ TL = 55
°C
IR
150
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
200
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
A
A
B
C
D
FR601 - FR607
6.0A FAST RECOVERY RECTIFIER
R-6
Dim
Min
Max
A
25.4
¾
B
8.6
9.1
C
1.2
1.3
D
8.6
9.1
All Dimensions in mm
Mechanical Data
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified.
NOT RECOMMENDED FOR NEW DESIGNS,
PLEASE USE PR6001 - PR6005


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR601 DIODES-FR601 Datasheet
57Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TUF601 TAITRON-TUF601 Datasheet
162Kb / 6P
6.0A Ultra Fast Recovery Rectifier
TUF601L TAITRON-TUF601L Datasheet
154Kb / 5P
6.0A Ultra Fast Recovery Rectifier
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
6.0A Super Fast Recovery Rectifier
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
6.0A FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com