Electronic Components Datasheet Search
  English  ▼

X  

VSC7442 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7442
Description  52-Port L2/L3 Enterprise and Industrial Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7442 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7442 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7442 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7442
PRODUCT BRIEF
52-Port L2/L3 Enterprise and Industrial Ethernet
Switch
Vitesse’s next generation switch family delivers a flexible
Enterprise and Industrial Ethernet solution.
The VSC7442 SparX-IV-52™ device is a 52 Gbps SMB/SME Industrial
Ethernet switch with up to 52 Gigabit Ethernet (GbE) ports.
The device provides a rich set of Enterprise Ethernet switching features.
Using multistage Vitesse TCAM technology (VCAP™), it delivers VLAN and
QoS processing that enables delivery of differentiated services, security
through intelligent frame processing, and egress frame manipulation.
For industrial applications, VSC7442 integrates VeriTime™, Vitesse’s
patent-pending distributed timing technology that delivers the industry’s
most accurate IEEE 1588v2 timing implementation.
A powerful 500 MHz CPU enables full management of a Layer 2 and Layer 3 Ethernet switch solution.
A comprehensive application programming interface (API) and software development package accelerates
time-to-market for managed Ethernet applications. The software API package integrates easily with third-party
software, preserving existing software investments.
Highlights
• Single-chip 52 Gbps switching
solution
• Fully managed L2 switching and L3
forwarding features
• Industrial temperature range
• Easy upgrade within SparX-IV
family to higher bandwidths
including 10 GbE port support
Applications
• Fully managed L2/L3 switch
• Industrial Ethernet switch
4 × SGMII
QSGMII
QSGMII
QSGMII
QSGMII
12
Copper
12
Copper
12
Copper
12
Copper
52 × 1 GbE Managed L2/L3 Switch
VSC7442
SparX-IV-52™
52-Port Switch
VSC8522
12-Port PHY
VSC8522
12-Port PHY
VSC8522
12-Port PHY
VSC8522
12-Port PHY
RJ-45
RJ-45
RJ-45
RJ-45


Similar Part No. - VSC7442

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
More results

Similar Description - VSC7442

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7444 VITESSE-VSC7444 Datasheet
341Kb / 2P
26-Port L2/L3 Enterprise Gigabit Ethernet Switch
VSC7448 VITESSE-VSC7448 Datasheet
361Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch
logo
Level One
GTL-5260 LVL1-GTL-5260 Datasheet
219Kb / 4P
52-Port L2 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7449-01 MICROSEMI-VSC7449-01 Datasheet
304Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
logo
PHOENIX CONTACT
2700786 PHOENIX-2700786 Datasheet
650Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 4G/12-L3
Dec 2, 2022
2700787 PHOENIX-2700787 Datasheet
649Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 12G/8-L3
Dec 2, 2022
logo
NHP Electrical Engineer...
1769-BA NHP-1769-BA Datasheet
508Kb / 1P
COMPACTLOGIX L2/L3 REPLACEMENT BATTERY
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com