Electronic Components Datasheet Search
  English  ▼

X  

VSC7444 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7444
Description  26-Port L2/L3 Enterprise Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7444 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7444 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7444 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vitesse.com
Vitesse Semiconductor Corpora on
©2014 by Vitesse Semiconductor Corporation. All Rights Reserved. Products and specifications may change at any time without notice and Vitesse assumes
no responsibility for the information provided herein. VPPD-03748. Revision 1.0.
VSC7444
DDR3
Memory Controller
JTAG, SPI
MIPS CPU
PCIe
SyncE
GPIOs
1G SGMII
100BASE-FX
1G SGMII,
2.5G SGMII
QSGMII
XAUI/RXAUI
100BASE-FX
1G SGMII
2.5G SGMII
SFI
100BASE-FX
Port Modules
L2 and L3 Forwarding
Shared Queue System
QoS, Flow Control, Buffer Management,
Discard Service Statistics
Policers
Arrival Service Statistics
TCAM-Based Classification
QoS, ACLs
Shapers and Schedulers
TCAM-Based Editing
Translation, Remarking,
Departure Service Statistics
Features
• Main port configurations:
26 × 1G SGMII
24 × 1G SGMII + 2 × 10G SFI/XAUI/RXAUI
16 × 2.5 SGMII + 2 × 10G SFI/XAUI/RXAUI
• Additional 10/100/1000 Mbps SGMII/SerDes node
processor
• Integrated 500 MHz MIPS 24KEc CPU with MMU and
DDR3/DDR3L SDRAM controller
• PCIe 1.x CPU interface
• Internal shared memory buffer (8 queues per port)
• Jumbo frame support
• Strict priority and DWRR scheduler/shaper
Layer 2 Switching and Layer 3 Forwarding
• 802.1Q VLAN switch with 32K MACs and 4K VLANs
• Push/pop/translate up to three VLAN tags on ingress
and egress
• Policing with storm control and MC/BC protection
• RSTP and MSTP support
• Independent and shared VLAN learning (IVL, SVL)
• Hardware- and software-based learning
• TCAM-based classification and VCAP-II security
• Layer 3 unicast and multicast routing
Multicast
• Layer 2
• IPv4 and IPv6
• IGMP and MLD
Industrial Ethernet
• Integrated timing: VeriTime™ (1588v2) and SyncE
support
• Ethernet ring protection switching (ERPS)
Key Specifications
•27 mm × 27 mm FCBGA
• –40 °C to 110 °C operating temperature
Related Vitesse Products
Visit www.vitesse.com for information about these related
Vitesse products:
• SparX-III nonstackable GbE switches with integrated
copper PHYs
• VSC8512 and VSC8522 12-port copper PHYs
• Unified API, WebStaX™, and SMBStaX™ software



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com