Electronic Components Datasheet Search
  English  ▼

X  

VSC7448 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7448
Description  52-Port L2/L3 Enterprise Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7448 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7448 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7448 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7448
PRODUCT BRIEF
52-Port L2/L3 Enterprise Gigabit Ethernet Switch
with 10 Gbps Links
Vitesse’s next generation switch family delivers a flexible
Enterprise and Industrial Ethernet solution.
The VSC7448 SparX-IV-80™ device is an 80 Gbps SMB/SME Industrial
Ethernet switch with up to 52 ports supporting a combination of 1G, 2.5G,
and 10G Ethernet ports.
The device provides a rich set of Enterprise Ethernet switching features.
Using multistage Vitesse TCAM technology (VCAP™), it delivers VLAN and
QoS processing that enables delivery of differentiated services, security
through intelligent frame processing, and egress frame manipulation.
For industrial applications, VSC7448 integrates VeriTime™, Vitesse’s
patent-pending distributed timing technology that delivers the industry’s
most accurate IEEE 1588v2 timing implementation.
A powerful 500 MHz CPU enables full management of a Layer 2 and Layer 3 Ethernet switch solution.
A comprehensive application programming interface (API) and software development package accelerates
time-to-market for managed Ethernet applications. The software API package integrates easily with third-party
software, preserving existing software investments.
Highlights
• Up to 48 × 1G, 24 × 2.5G,
and 4 × 10G Ethernet ports
• Fully managed L2 switching and L3
forwarding features
• Industrial temperature range
• Easy upgrade within SparX-IV
family to higher bandwidth including
10 GbE port support
Applications
• Fully managed L2/L3 switch
• Industrial Ethernet switch
Fiber
Fiber
24 × 1 GbE + 4 × 10 GbE Managed Switch
(Optical 1 GbE Ports)
40 × 1 GbE + 4 × 10 GbE Managed Switch
(Copper 1 GbE Ports)
4 × 10G
4 × QSGMII
10
Copper
VSC7448
SparX-IV-80™
52-Port Switch
VSC7448
SparX-IV-80™
52-Port Switch
VSC8522
12-Port PHY
VSC8522
12-Port PHY
VSC8522
12-Port PHY
VSC8522
12-Port PHY
RJ-45
10
Copper
RJ-45
10
Copper
RJ-45
10
Copper
RJ-45
4 × 10G
24 × SGMII
. . .
. . .


Similar Part No. - VSC7448

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VSC7448-02 MICROSEMI-VSC7448-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
More results

Similar Description - VSC7448

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7442 VITESSE-VSC7442 Datasheet
306Kb / 2P
52-Port L2/L3 Enterprise and Industrial Ethernet Switch
VSC7444 VITESSE-VSC7444 Datasheet
341Kb / 2P
26-Port L2/L3 Enterprise Gigabit Ethernet Switch
logo
Level One
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
GTL-2890 LVL1-GTL-2890 Datasheet
235Kb / 4P
28-Port L3 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
GTL-5260 LVL1-GTL-5260 Datasheet
219Kb / 4P
52-Port L2 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7449-01 MICROSEMI-VSC7449-01 Datasheet
304Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com