Electronic Components Datasheet Search
  English  ▼

X  

VN920-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN920-E
Description  Single-channel high side driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN920-E Datasheet HTML 5Page - STMicroelectronics VN920-E Datasheet HTML 6Page - STMicroelectronics VN920-E Datasheet HTML 7Page - STMicroelectronics VN920-E Datasheet HTML 8Page - STMicroelectronics VN920-E Datasheet HTML 9Page - STMicroelectronics VN920-E Datasheet HTML 10Page - STMicroelectronics VN920-E Datasheet HTML 11Page - STMicroelectronics VN920-E Datasheet HTML 12Page - STMicroelectronics VN920-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
VN920-E
Electrical specifications
Doc ID 10894 Rev 4
9/23
Vdemag
Turn-off output clamp
voltage
IOUT = 2A; VIN = 0V;
L = 6mH
VCC - 41 VCC - 48 VCC - 55
V
VON
Output voltage drop
limitation
IOUT = 1 A;
Tj = -40°C...150°C
50
mV
1. To ensure long term reliability under heavy over-load or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Table 10.
Current sense (9V
 VCC 16V)(1)
1. See Figure 4.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1A; VSENSE = 0.5V;
Tj = -40°C...150°C
3300 4400 6000
dK1/K1
Current sense
ratio drift
IOUT = 1A; VSENSE = 0.5V;
Tj= - 40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT = 10A; VSENSE = 4V;
Tj = - 40°C
Tj= 25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current sense
ratio drift
IOUT = 10A; VSENSE = 4V;
Tj = -40°C...150°C
-8
+8
%
K3
IOUT/ISENSE
IOUT = 30A; VSENSE = 4V;
Tj = -40°C
Tj = 25°C...150°C
4200
4400
4900
4900
5500
5250
dK3/K3
Current sense
ratio drift
IOUT = 30A; VSENSE = 4V;
Tj = -40°C...150°C
-6
+6
%
ISENSE0
Analog sense
leakage current
VCC = 6...16V; IOUT = 0A;
VSENSE = 0V;
Tj = -40°C...150°C
010
µA
VSENSE
Max analog
sense output
voltage
VCC = 5.5V; IOUT = 5A; RSENSE = 10k
VCC > 8V, IOUT = 10A; RSENSE = 10k
2
4
V
V
VSENSEH
Sense voltage in
over
temperature
condition
VCC = 13V; RSENSE = 3.9k
5.5
V
RVSENSEH
Analog sense
output
impedance in
over
temperature
condition
VCC = 13V; Tj > TTSD;
output open
400
tDSENSE
Current sense
delay response
To 90% ISENSE(2)
500
µs
Table 9.
Protections(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com