Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1100
Description  Serially Inter faced, 8-Digi t LED Dr iver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1100 Datasheet(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1100 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1100 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
11 - 16
AS1100
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
9.1 Supply Bypassing and Wiring
In order to achieve optimal performance the AS1100 shall be placed very close to the LED display to minimize effects of electromagnetic
interference and wiring inductance. Furthermore, it is recommended to connect a 10 F electrolytic and a 0.1 F ceramic capacitor between VDD
and GND to avoid power supply ripple. Also, both GNDs must be connected to ground.
9.2 Selecting RSET Resistor and Using External Drivers
The current through the segments is controlled via the external resistor RSET. Segment current is about 100 times the current in ISET. The right
values for ISET are given in Table 15. The maximum current the AS1100 can drive is 40mA. If higher currents are needed, external drivers must
be used. In that case it is no longer necessary that the AS1100 drives high currents. A recommended value for RSET is 47k
Ω. In cases that the
AS1100 only drives few digits, Table 12 specifies the maximum currents and RSET must be set accordingly. Refer to absolute maximum ratings
to calculate acceptable limits for ambient temperature, segment current, and the LED forward-voltage drop.
9.3 8x8 LED Dot Matrix Driver
The example in Figure 7 uses the AS1100 to drive an 8x8 LED dot matrix. The LED columns have common cathode and are connected to the
DIG0-7 outputs. The rows are connected to the segment drivers. Each of the 64 LEDs can be addressed separately. The columns are selected
via the digits as shown in Table 5. The decode mode register (0xX9) has to be programmed to ‘00000000’ as stated in Table 4. The single LEDs
in a column can be addressed as stated in Table 9, where D0 corresponds to segment G and D7 corresponds to segment DP.
Note:
For a multiple-digit dot matrix, multiple AS1100 devices must be cascaded.
Figure 7. Application Example as LED Dot Matrix Driver
Table 15. RSET vs. Segment Current and LED Forward Voltage
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5
40
12.2k
Ω
11.8k
Ω
11.0k
Ω
10.6k
Ω
9.69k
Ω
30
17.8k
Ω
17.1k
Ω
15.8k
Ω
15.0k
Ω
14.0k
Ω
20
29.8k
Ω
28.0k
Ω
25.9k
Ω
24.5k
Ω
22.6k
Ω
10
66.7k
Ω
63.7k
Ω
59.3k
Ω
55.4k
Ω
51.2k
Ω
SEG G
SEG F
SEG E
SEG D
SEG C
SEG B
SEG A
SEG DP
DIG 0
DIG 7
1
12
13
9
24
19
18
9.53k
Ω
4
SEG A:G
SEG DP
DIG0:7
DIN
LOAD
CLK
GND
GND
VDD
ISET
SEG G
SEG F
SEG E
SEG D
SEG C
SEG B
SEG A
SEG DP
DIG 0
DIG 7
1
12
13
9
19
18
9.53k
Ω
4
DIN
LOAD
CLK
GND
GND
VDD
ISET
P
AS1100
AS1100
DOUT
SEG A:G
SEG DP
DIG0:7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com