Electronic Components Datasheet Search
  English  ▼

X  

AS1115 Datasheet(PDF) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1115
Description  64 LEDs, I 짼C Inter faced LED Dr iver wi th Keyscan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1115 Datasheet(HTML) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1115 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1115 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
19 - 25
AS1115
Datasheet - Ty p i c a l A p p l i c a t i o n
9 Typical Application
Selecting RSET Resistor Value and Using External Drivers
Brightness of the display segments is controlled via RSET. The current that flows into ISET defines the current that flows through the LEDs.
Segment current is about 200 times the current in ISET. Typical values for RSET for different segment currents, operating voltages, and LED volt-
age drop (VLED) are given in Table 22 & Table 23. The maximum current the AS1115 can drive is 47mA. If higher currents are needed, exter-
nal drivers must be used, in which case it is no longer necessary that the devices drive high currents.
Note:
The display brightness can also be logically controlled (see Intensity Control Register (0x0A) on page 16).
Calculating Power Dissipation
The upper limit for power dissipation (PD) for the AS1115 is determined from the following equation:
PD = (VDD x 5mA) + (VDD - VLED)(DUTY x ISEG x N)
(EQ 1)
Where:
VDD is the supply voltage.
DUTY is the duty cycle set by intensity register (page 17).
N is
the number of segments driven (worst case is 8)
VLED is the LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 8, DUTY = 15/16, VLED = 2.2V at 40mA, VDD = 5V
(EQ 2)
PD = 5V(5mA) + (5V - 2.2V)(15/16 x 40mA x 8) = 0.865W
(EQ 3)
Thus, for a TQFN(4x4)-24 package
ΘJA = +30.5°C/W, the maximum allowed TAMB is given by:
TJ,MAX = TAMB + PD x
ΘJA = 150°C = TAMB + 0.865W x 30.5°C/W
(EQ 4)
In this example the maximum ambient temperature must stay below 123.61°C.
Table 22. RSET vs. Segment Current and LED Forward Voltage, VDD = 2.7V & 3.3V & 3.6V
ISEG (mA)
VLED
VLED
VLED
1.5V
2.0V
1.5V
2.0V
2.5V
1.5V
2.0V
2.5V
3.0V
40
5k
Ω
4.4k
Ω
6.7k
Ω
6.4k
Ω
5.7k
Ω
7.5k
Ω
7.2k
Ω
6.6k
Ω
5.5k
Ω
30
6.9k
Ω
5.9k
Ω
9.1k
Ω
8.8k
Ω
8.1k
Ω
10.18k
Ω
9.8k
Ω
9.2k
Ω
7.5k
Ω
20
10.7k
Ω
9.6k
Ω
13.9k
Ω
13.3k
Ω
12.6k
Ω
15.6k
Ω
15k
Ω
14.3k
Ω
13k
Ω
10
22.2k
Ω
20.7k
Ω
28.8k
Ω
27.7k
Ω
26k
Ω
31.9k
Ω
31k
Ω
29.5k
Ω
27.3k
Ω
Table 23. RSET vs. Segment Current and LED Forward Voltage, VDD = 4.0V & 5.0V
ISEG
(mA)
VLED
VLED
1.5V
2.0V
2.5V
3.0V
3.5V
1.5V
2.0V
2.5V
3.0V
3.5V
4.0V
40
8.6k
Ω
8.3k
Ω
7.9k
Ω
7.6k
Ω
5.2k
Ω
11.35k
Ω 11.12kΩ 10.84kΩ 10.49kΩ 10.2kΩ 9.9kΩ
30
11.6k
Ω
11.2k
Ω
10.8k
Ω
9.9k
Ω
7.8k
Ω
15.4k
Ω
15.1k
Ω
14.7k
Ω
14.4k
Ω
13.6k
Ω 13.1kΩ
20
17.7k
Ω
17.3k
Ω
16.6k
Ω
15.6k
Ω 13.6kΩ
23.6k
Ω
23.1k
Ω
22.6k
Ω
22k
Ω
21.1k
Ω 20.2kΩ
10
36.89k
Ω
35.7k
Ω
34.5k
Ω
32.5k
Ω 29.1kΩ
48.9k
Ω
47.8k
Ω
46.9k
Ω
45.4k
Ω
43.8k
Ω
42k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com