Electronic Components Datasheet Search
  English  ▼

X  

AS3685B Datasheet(PDF) 24 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3685B
Description  Ultra Small High Efficiency 1000mA Charge Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3685B Datasheet(HTML) 24 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3685B Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685B Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
23 - 24
10 Ordering Information
Table
15 – Delivery Information
Part Number
Marking
Package Type
Delivery Form
Description
AS3685A-ZWLT-
2N80
AS3685A
WL-CSP
2x1.5mm
Tape&Reel
AS3685A Interface
Wafer Level Chip Scale Package,
Size 2x1.5mm, 4x3 balls, 0.5mm pitch,
RoHS compliant / Pb-free,
800ms flash timeout, 1:2 mode locked
AS3685A-ZWLT-
2Y80
AS3685A2
WL-CSP
2x1.5mm
Tape&Reel
AS3685A Interface
Wafer Level Chip Scale Package,
Size 2x1.5mm, 4x3 balls, 0.5mm pitch,
RoHS compliant / Pb-free,
800ms flash timeout, 1:2 mode
enabled
1
AS3685A-ZDFT-
2Y80
AS8A
DFN 10 3x3mm
Tape&Reel
AS3685A Interface
DFN Package, 3x3mm, 10 pins, 0.4mm
pitch, RoHS compliant / Pb-free,
800ms flash timeout, 1:2 mode
enabled
1
AS3685B-ZDFT-
2Y80
AS8B
DFN 10 3x3mm
Tape&Reel
AS3685B Interface
DFN Package, 3x3mm, 10 pins, 0.4mm
pitch, Pb-Free,
800ms flash timeout, 1:2 mode enabled
Description:
AS3685V-ZPPT-2X80
AS3685
V
…
AS3685 Interface Version:
A = AS3685A: Direct control to select three different currents
B = AS3685B: Single or Two pin interface with strobe; 17 different current settings
-
Z
…
Temperature range:
Z = -30°C – 85°C
PP
…
Package:
WL = Wafer Level Chip Scale Package
DF = DFN10
T
…
Delivery Form:
T = Tape&Reel
-
2X
…
Charge Pump Mode Locking:
2N = 1:2 mode locked (device can only use 1:1 and 1:1.5 mode)
2Y = 1:2 mode available (device can use 1:1, 1:1.5 and 1:2 mode)
80
…
Flash Timeout time programming
80 = 800ms flash timeout time
1 If 1000mA flash LED current is used it is usually required to allow 1:2 mode (due to the high forward
voltage of the LED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com