Electronic Components Datasheet Search
  English  ▼

X  

TMD26713 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD26713
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD26713 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD26713 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26713 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TMD2671
DIGITAL PROXIMITY DETECTOR
TAOS144B − SEPTEMBER 2012
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Detection
Proximity detection is accomplished by measuring the amount of IR energy, from the internal IR LED, reflected
off an object to determine its distance. The internal proximity IR LED is driven by the integrated proximity LED
current driver as shown in Figure 6.
CH1
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
CH0
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
IR
LED
PTIME(r0x02)
PPULSE(r0x0E)
PDIODE(r0x0F, b5:4)
Background Energy
PDATAL(r0x018)
Object
LDR
LEDK
LEDA
Figure 6. Proximity Detection
The LED current driver provides a regulated current sink on the LDR terminal that eliminates the need for an
external current limiting resistor. The PDRIVE register setting sets the sink current to 100%, 50%, 25%, or 12.5%
of the factory trimmed full scale current.
Referring to the Detailed State Machine figure, the LED current driver pulses the IR LED as shown in Figure 7
during the Prox Accum state. Figure 7 also illustrates that the LED On pulse has a fixed width of 7.3
μs and
period of 16.0
μs. So, in addition to setting the proximity drive current, 1 to 255 proximity pulses (PPULSE) can
be programmed. When deciding on the number of proximity pulses, keep in mind that the signal increases
proportionally to PPULSE, while noise increases by the square root of PPULSE.
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
16.0
ms
7.3
ms
Figure 7. Proximity LED Current Driver Waveform
Figure 6 illustrates light rays emitting from the internal IR LED, reflecting off an object, and being absorbed by
the CH0 and CH1 photodiodes. The proximity diode selector (PDIODE) determines which of the two
photodiodes is used for a given proximity measurement. Note that neither photodiode is selected when the
device first powers up, so PDIODE must be set for proximity detection to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com