Electronic Components Datasheet Search
  English  ▼

X  

TMD26721 Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD26721
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD26721 Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD26721 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
4
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active — LDR pulse off
195
250
IDD
Supply current
Wait state
90
μA
IDD
Supply current
Sleep state — no I2C activity
2.2
4
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
I LEAK
Leakage current, LDR pin
−5
5
μA
V
SCL SDA input high voltage
TMD26721
0.7 VDD
V
VIH
SCL, SDA input high voltage
TMD26723
1.25
V
V
SCL SDA input low voltage
TMD26721
0.3 VDD
V
VIL
SCL, SDA input low voltage
TMD26723
0.54
V
Proximity Characteristics, VDD = VLEDA = 3 V, TA = 255C, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
LED On
3
mA
LED On, PDRIVE = 0
100
I
LEDA current (Note 1)
LED On, PDRIVE = 1
50
mA
ILEDA
LEDA current (Note 1)
LED On, PDRIVE = 2
25
mA
LED On, PDRIVE = 3
12.5
PTIME
ADC conversion steps
1
256
steps
PTIME
ADC conversion time
PTIME = 0xFF ( = 1 conversion step)
2.58
2.73
2.9
ms
PTIME
ADC counts per step
PTIME = 0xFF ( = 1 conversion step)
0
1023
counts
PPULSE
LED pulses (Note 5)
0
255
pulses
LED On
LED pulse width
PPULSE = 1, PDRIVE = 0
7.3
μs
LED pulse period
PPULSE = 2, PDRIVE = 0
16.0
μs
Proximity response, no target
(offset)
PPULSE = 8, PDRIVE = 0, PGAIN = 4
×, (Note 2)
100
counts
Prox count, 100-mm target
(Note 3)
73 mm
× 83 mm, 90% reflective Kodak Gray Card,
PGAIN = 4
×, PPULSE = 8, PDRIVE = 0, PTIME = 0xFF
(Note 4)
450
520
590
counts
NOTES: 1. Value is factory-adjusted to meet the Prox count specification. Considerable variation (relative to the typical value) is possible after
adjustment.
2. Proximity offset varies with power supply characteristics and noise.
3. ILEDA is factory calibrated to achieve this specification. Offset and crosstalk directly sum with this value and is system dependent.
4. No glass or aperture above the module. Tested value is the average of 5 consecutive readings.
5. These parameters are ensured by design and characterization and are not 100% tested.
6. Proximity test was done using the following circuit. See the Application Information: Hardware section for recommended
application circuit.
TMD2672
VDD
1
mF
1
3
4
VDD
GND
LDR
5
6
LEDK
LEDA
1
mF
22
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com