Electronic Components Datasheet Search
  English  ▼

X  

TMD27711 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27711
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27711 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD27711 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing, Proximity
Detection, and IR LED in a Single Optical
Module
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain
− Programmable Integration Time
− Programmable Interrupt Function with
Upper and Lower Threshold
− Up to 16 Bits Resolution
− Very High Sensitivity — Operates Behind
Darkened Glass
− Up to 1,000,000:1 Dynamic Range
D Proximity Detection
− Calibrated to 100-mm Detection
− Eliminates Factory Calibration of Prox
− Programmable Number of IR Pulses
− Programmable Current Sink for the IR
LED — No Limiting Resistor Needed
− Programmable Interrupt Function with
Upper and Lower Threshold
D Programmable Wait Timer
− Wait State — 65
mA Typical Current
− Programmable from 2.72 ms
to > 8 Seconds
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
D Dedicated Interrupt Pin
D 3.94 mm y 2.4 mm y 1.35 mm Package
D Sleep Mode — 2.5 mA Typical
Applications
D Cell Phone Backlight Dimming
D Cell Phone Touch Screen Disable
D Notebook/Monitor Security
D Automatic Speakerphone Enable
D Automatic Menu Popup
Description
The TMD2771 family of devices provides digital ambient light sensing (ALS), a complete proximity detection
system, and digital interface logic in a single 8-pin package. The proximity detector includes a digital proximity
sensor, LED driver, and IR LED, which are trimmed to eliminate the need for end-equipment calibration due to
component variations. Excellent background light rejection allows the device to operate in environments from
sunlight to dark rooms. The wide dynamic range allows for operation in short distance detection such as a cell
phone (behind dark glass). An internal state machine provides the ability to put the device into a low-power mode
in between ALS and proximity measurements, providing very low average power consumption.
The device is particularly useful for display management with the purpose of extending battery life and providing
optimum viewing in diverse lighting conditions. Display panel and keyboard backlighting can account for up to
30 to 40 percent of total platform power. The ALS features are ideal for use in notebook PCs, LCD monitors,
flat-panel televisions, and cell phones.
The proximity function specifically targets near-field proximity applications. In cell phones, the proximity
detection can detect when the user positions the phone close to their ear. The device is fast enough to provide
proximity information at a high repetition rate needed when answering a phone call. This provides both improved
green power saving capability and the added security to lock the computer when the user is not present. The
addition of the micro-optics lenses within the device, provide highly efficient transmission and reception of
infrared energy, which lowers overall power dissipation.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE
MODULE−8
(TOP VIEW)
VDD 1
SCL 2
GND 3
LEDA 4
8 SDA
7 INT
6 LDR
5 LEDK
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com