Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD37821 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD37821 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD37821 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TMD3782 – 8
Datasheet - Mar. 2013 - V2
Figure TMD3782 – 11:
RGBC Characteristics, VDD = 3 V, TA = 25ºC, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Notes:
1. Based on typical 3-sigma distribution. Not 100% tested.
2. Clear channel response to a red LED light source with a dominant wavelength (λD) of 615 nm and a spectral halfwidth (Δλ½)
of 20 nm.
Figure TMD3782 – 12:
Proximity Characteristics, VDD = 3 V, TA = 25ºC, PEN = 1 (unless otherwise noted)
Notes:
1. Value is factory adjusted to meet the Prox count specification. Considerable variation (relative to the typical value) is possible
after adjustment.
2. Proximity offset is the sum of optical and electrical offsets, and will change from one design implementation (or test system)
to another.
3. ILEDA is factory calibrated to achieve this specification. Offset and crosstalk directly sum with this value and is system
dependent.
4. No glass or aperture above the module. Tested value is the average of 5 consecutive readings.
Parameter
Conditions
Channel
Min
Typ
Max
Units
Dark ADC count value
Ee = 0, AGAIN = 60x,
ATIME=0xD6 (100ms)
013
counts
01
counts
(Note 1)
ADC integration time step size
ATIME = 0xFF
2.25
2.38
2.53
ms
ADC number of integration
steps
1
256
steps
ADC counts per step
0
1023
counts
ADC count value
ATIME = 0xC0 (152.3 ms)
0
65535
counts
Gain scaling, relative to 1×
gain setting (Note 2)
AGAIN = 4x
AGAIN = 16x
AGAIN = 60x
3.8
15
58
4.0
16
60
4.2
17
63
×
Parameter
Conditions
Min
Typ
Max
Units
IDD Supply current
LDR pulse on
3
mA
ADC conversion time step size
2.25
2.38
2.53
ms
LED pulse period
14
us
LED pulse width
LED on time
6.3
us
Nominal LED drive current
(measured at LDR=0.6V)
(Note 1)
PDRIVE = 0 (100%)
PDRIVE = 1 (50%)
PDRIVE = 2 (25%)
PDRIVE = 3 (12.5%)
100
50
25
12.5
mA
Proximity offset, no target
(Note 2)
PPULSE = 8
PDRIVE = 0
100
counts
Prox count, 100-mm target
(minus “Proximity offset, no
target” value) (Note 3, 4)
73 mm × 83 mm, 90% reflective Kodak
Gray Card, PPULSE = 8, PDRIVE = 0, (Note 3)
350
420
490
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com