Electronic Components Datasheet Search
  English  ▼

X  

GL157 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL157
Description  P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL157 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL157 Datasheet HTML 1Page - E-Tech Electronics LTD GL157 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2005/07/15
REVISED DATE :2005/08/02B
GL157
P N P S I L I C O N P L A N A R H I G H P E R F O R M A N C E T R A N S I S T O R
Description
The GL157 is designed for general purpose switching and amplifier applications.
Features
&-60 Volt VCEO
&3 Amp continuous current
&Low saturation voltage
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-3
A
Collector Current (Pulse)
IC
-6
A
Total Power Dissipation
PD
2
W
Electrical Characteristics(Ta = 25 : ,unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA , IE=0
*BVCEO
-60
-
-
V
IC=-10mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA ,IC=0
ICBO
-
-
-100
nA
VCB=-60V, IE=0
IEBO
-
-
-100
nA
VEB=-4V, IC=0
*VCE(sat)1
-
-150
-300
mV
IC=-1A, IB=-100mA
*VCE(sat)2
-
-450
-600
mV
IC=-3A, IB=-300mA
*VBE(sat)
-
-0.9
-1.25
V
IC=-1A, IB=-100mA
*VBE(on)
-
-0.8
-1.0
V
VCE=-2V, IC=-1A
*hFE1
70
200
VCE=-2V, IC=-50mA
*hFE2
100
200
300
VCE=-2V, IC=-500mA
*hFE3
80
170
VCE=-2V, IC=-1A
*hFE4
40
150
VCE=-2V, IC=-2A
fT
100
140
-
MHz
VCE=-5V, IC=-100mA, f=100MHz
Cob
-
-
30
pF
VCB=-10V, IE=0, f=1MHz
ton
-
40
-
toff
-
450
-
ns
VCC=-10V, IC=-500mA, IB1=IB2=-50mA
*Measured under pulse condition. Pulse width 300 s, Duty Cycle 2%
Spice parameter data is available upon request for this device.
SOT-223


Similar Part No. - GL157

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL157 GTM-GL157 Datasheet
308Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results

Similar Description - GL157

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GI1202 ETL-GI1202 Datasheet
366Kb / 3P
P N P E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJ1182 ETL-GJ1182 Datasheet
282Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GL156 ETL-GL156 Datasheet
296Kb / 2P
N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL158 ETL-GL158 Datasheet
297Kb / 2P
N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL159 ETL-GL159 Datasheet
329Kb / 2P
P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GM156 ETL-GM156 Datasheet
267Kb / 2P
N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GM157 ETL-GM157 Datasheet
356Kb / 2P
P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL358 ETL-GL358 Datasheet
298Kb / 2P
N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL359 ETL-GL359 Datasheet
334Kb / 2P
P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com