Electronic Components Datasheet Search
  English  ▼

X  

GL949 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL949
Description  PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL949 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL949 Datasheet HTML 1Page - E-Tech Electronics LTD GL949 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL949
Page: 1/2
ISSUED DATE :2006/11/20
REVISED DATE :
GL949
P N P S I L I C O N P L AN A R H I G H C U R R E N T T R AN S I S T O R
Description
The GL949 is designed for general purpose switching and amplifier applications.
Features
&6Amps continuous current, up to 20Amps pulse current
&Very low saturation voltages
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-5.5
A
Collector Current (Pulse)
ICM
-20
A
Total Power Dissipation
PD
3
W
*The power which can be dissipated assuming the device is mounted in typical manner on a PCB with copper equal to 2 inches x 2 inches.
Electrical Characteristics (Ta = 25 ,
: unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-50
-
-
V
IC=-100uA , IE=0
BVCER
-50
-
-
V
IC=-1uA, RB 1k
BVCEO
-30
-
-
V
IC=-10mA, IB=0
BVEBO
-6
-
-
V
IE=-100uA ,IC=0
ICBO
-
-
-50
nA
VCB=-40V, IE=0
ICER
-
-
-50
nA
VCB=-40V, R 1k
IEBO
-
-
-10
nA
VEB=-6V, IC=0
*VCE(sat)1
-
-
-75
mV
IC=-500mA, IB=-20mA
*VCE(sat)2
-
-
-140
mV
IC=-1A, IB=-20mA
*VCE(sat)3
-
-
-270
mV
IC=-2A, IB=-200mA
*VCE(sat)4
-
-
-440
mV
IC=-5.5A, IB=-500mA
*VBE(sat)
-
-
-1.25
V
IC=-5.5A, IB=-500mA
*VBE(on)
-
-
-1.06
V
VCE=-1V, IC=-5.5A
*hFE1
100
-
-
VCE=-1V, IC=-10mA
*hFE2
100
-
300
VCE=-1V, IC=-1A
*hFE3
75
-
-
VCE=-1V, IC=-5A
*hFE4
-
35
-
VCE=-2V, IC=-20A
fT
-
100
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
Cob
-
122
-
pF
VCB=-10V, IE=0, f=1MHz
SOT-223


Similar Part No. - GL949

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL949 GTM-GL949 Datasheet
452Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
More results

Similar Description - GL949

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX956 ZETEX-ZTX956 Datasheet
66Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 ZETEX-ZTX957 Datasheet
62Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX968 ZETEX-ZTX968 Datasheet
98Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Weitron Technology
PZT951 WEITRON-PZT951 Datasheet
193Kb / 4P
PNP Silicon Planar High Current Transistor
logo
GTM CORPORATION
GL159 GTM-GL159 Datasheet
326Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL359 GTM-GL359 Datasheet
330Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL949 GTM-GL949 Datasheet
452Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
PNP Silicon Planar High Current (High Performance) Transistor
logo
Weitron Technology
PZT159 WEITRON-PZT159 Datasheet
632Kb / 4P
PNP Silicon Planar High Current Transistor
logo
Fairchild Semiconductor
ZTX955STZ FAIRCHILD-ZTX955STZ Datasheet
76Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com