Electronic Components Datasheet Search
  English  ▼

X  

GL4033 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL4033
Description  P N P E P I T A X I A L P L A N A R T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL4033 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL4033 Datasheet HTML 1Page - E-Tech Electronics LTD GL4033 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL4033
Page: 1/2
ISSUED DATE :2003/09/17
REVISED DATE :2005/07/26B
G
G L
L 44003333
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GL4033 is designed for high current general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature Range
Tstg
-55 ~ +150
:
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-5
V
Collect Current(DC)
IC
-1
A
Total Power Dissipation
PD
2
W
Electrical Characteristics(Ta = 25 : ,unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-10uA , IE=0
BVCEO
-80
-
-
V
IC=-10mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-50
nA
VCB=-60V, IE=0
IEBO
-
-
-10
nA
VEB=-5V, IC=0
VCE(sat)1
-
-
-150
mV
IC=-150mA, IB=-15mA
VCE(sat)2
-
-
-500
mV
IC=-500mA, IB=-50mA
VBE(sat)1
-
-
-900
mV
IC=-150mA, IB=-15mA
VBE(sat)2
-
-
-1.1
V
IC=-500mA, IB=-50mA
hFE1
75
-
-
VCE=-5V, IC=-0.1mA
hFE2
100
-
-
VCE=-5V, IC=-100mA
hFE3
70
-
-
VCE=-5V, IC=-500mA
hFE4
25
-
-
VCE=-5V, IC=-1A
fT
100
-
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
-
20
pF
VCB=-10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
SOT-223


Similar Part No. - GL4033

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL4033 GTM-GL4033 Datasheet
154Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GL4033

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI42C ETL-GI42C Datasheet
146Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ127 ETL-GJ127 Datasheet
174Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GL4403 ETL-GL4403 Datasheet
162Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM1386 ETL-GM1386 Datasheet
292Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM5401 ETL-GM5401 Datasheet
161Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GMBTA92 ETL-GMBTA92 Datasheet
203Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT1015 ETL-GSMBT1015 Datasheet
156Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT4403 ETL-GSMBT4403 Datasheet
157Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com