Electronic Components Datasheet Search
  English  ▼

X  

GL5672 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL5672
Description  N P N L O W F R E Q U E N C Y T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL5672 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL5672 Datasheet HTML 1Page - E-Tech Electronics LTD GL5672 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G L
L 55667722
N
N P
P N
N L
L O
O W
W F
F R
R E
E Q
Q U
U E
E N
N C
C Y
Y T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GL5672 is a low frequency transistor . Excellent DC current gain characteristics.
Package Dimension
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
60
V
Collector to Emitter Voltage at Ta=25 :
VCEO
50
V
Emitter to Base Voltage at Ta=25 :
VEBO
6
V
Collector Current at Ta=25 :
IC
3
A
Collector Current (PULSE)(note1)
IC
5
A
Total Power Dissipation at Ta=25 :
PD
2
W
Note1 :single pulse, PW=10ms
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=50uA ,IE=0
BVCEO
50
-
-
V
IC=1mA,IB=0
BVEBO
6
-
-
V
IE=50uA
ICBO
-
-
0.1
uA
VCB=60V
IEBO
-
-
0.1
uA
VEB=5V
VCE(sat)
-
0.1
0.35
V
IC=1A, IB=50mA
(note1)
hFE
120
-
400
VCE=2V, IC=0.5A (note1)
FT
-
210
-
MHz
VCE=2V, IE=0.5A, f=100MHz
Cob
-
25
-
pF
VCB=10V,IE=0, f=1MHz
Note 1:Measured using pulse current.
Classification Of hFE
Rank
A
B
Range
120-240
200-400


Similar Part No. - GL5672

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL5672 GTM-GL5672 Datasheet
163Kb / 2P
NPN LOW FREQUENCY TRANSISTOR
More results

Similar Description - GL5672

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
Lite-On Technology Corp...
LTST-S320KGKT-5A LITEON-LTST-S320KGKT-5A_14 Datasheet
669Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
LTST-S320KGKTR LITEON-LTST-S320KGKTR_14 Datasheet
671Kb / 10P
P r o p e r t y o f L i t e - O n O n l y
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GE13003 ETL-GE13003 Datasheet
472Kb / 4P
N P N S I L I C O N P O W E R T R A N S I S T O R
GE13007 ETL-GE13007 Datasheet
308Kb / 3P
N P N S I L I CO N T R I P L E D I F F U S E D M E S A T Y P E T R A N S I S T O R
GMA42M ETL-GMA42M Datasheet
248Kb / 2P
N P N P L A S T I - E N C A P S U L AT E T R A N S I S T O R
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com