Electronic Components Datasheet Search
  English  ▼

X  

GLA27 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GLA27
Description  N P N T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GLA27 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GLA27 Datasheet HTML 1Page - E-Tech Electronics LTD GLA27 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G L
L A
A2277
N
N P
P N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GLA27 is designed for darlington amplifier high current gain collector current to 500mA.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCES
60
V
Emitter to Base Voltage
VEBO
10
V
Collector Current
IC
500
mA
Total Power Dissipation
PD
2
W
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA , IE=0
BVCES
60
-
-
V
IC=100uA, VBE=0
BVEBO
10
-
-
V
IE=10uA , IC=0
ICBO
-
-
100
nA
VCB=50V ,IE=0
IEBO
-
-
100
nA
VEB=10V, IC=0
ICES
-
-
500
nA
VCE=50V
VCE(sat)
-
-
1.5
V
IC=100mA, IB=0.1mA
VBE(sat)
-
-
2.0
V
IC=100mA, VCE=5V
hFE1
10K
-
-
VCE=5V, IC=10mA
hFE2
10K
-
-
VCE=5V, IC=100mA


Similar Part No. - GLA27

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GLA27 GTM-GLA27 Datasheet
151Kb / 2P
NPN TRANSISTOR
logo
List of Unclassifed Man...
GLA27010 ETC2-GLA27010 Datasheet
135Kb / 12P
SURFCOIL SMT INDUCTORS
More results

Similar Description - GLA27

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE13003 ETL-GE13003 Datasheet
472Kb / 4P
N P N S I L I C O N P O W E R T R A N S I S T O R
GJ8050 ETL-GJ8050 Datasheet
146Kb / 2P
N P N E P I T A X I A L T R A N S I S T O R
GLA44 ETL-GLA44 Datasheet
149Kb / 2P
N P N T R A N S I S T O R
GMA06 ETL-GMA06 Datasheet
222Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
P N P S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
P N P S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com