Electronic Components Datasheet Search
  English  ▼

X  

GLA94 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GLA94
Description  P N P E P I TA X I A L P L A N A R T R A N S I S TO R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GLA94 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GLA94 Datasheet HTML 1Page - E-Tech Electronics LTD GLA94 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMA94
1/2
ISSUED DATE :2005/03/25
REVISED DATE :
G
G L
L A
A9944
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL P
P LL A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GLA94 is designed for application requires high voltage.
Features
&High voltage: VCEO=400V (min) at IC=1mA
&High current gain: IC=300mA at 25
&Complementary with GLA44
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Collector to Base Voltage
VCBO
-400
V
Collector to Emitter Voltage
VCEO
-400
V
Emitter to Base Voltage
VEBO
-6
V
Collect Current(DC)
IC
-500
mA
Total Power Dissipation
PD
2
W
Electrical Characteristics(Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-400
-
-
V
IC=-100Ua, IE=0
BVCEO
-400
-
-
V
IC=-1mA, IB=0
BVEBO
-6
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCB=-400V, IE=0
ICES
-
-
-500
nA
VCE=-400V, VBE=0
IEBO
-
-
-100
nA
VEB=-6V, IC=0
*VCE(sat)1
-
-
-350
mV
IC=-1mA, IB=-0.1mA
*VCE(sat)2
-
-
-500
mV
IC=-10mA, IB=-1mA
*VCE(sat)3
-
-
-750
mV
IC=-50mA, IB=-5mA
*VBE(sat)
-
-
-750
mV
IC=-10mA, IB=-1mA
*hFE1
40
-
-
VCE=-10V, IC=-1mA
*hFE2
50
-
300
VCE=-10V, IC=-10mA
*hFE3
45
-
-
VCE=-10V, IC=-50mA
*hFE4
40
-
-
VCE=-10V, IC=-100mA
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
SOT-223


Similar Part No. - GLA94

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GLA94 GTM-GLA94 Datasheet
175Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GLA94

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL3904 ETL-GL3904 Datasheet
192Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GM649A ETL-GM649A Datasheet
482Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GM669A ETL-GM669A Datasheet
232Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GM1426 ETL-GM1426 Datasheet
179Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
GM3669 ETL-GM3669 Datasheet
150Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GMA64 ETL-GMA64 Datasheet
226Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GMA94 ETL-GMA94 Datasheet
234Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S TO R
GSD882SS ETL-GSD882SS Datasheet
227Kb / 3P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GSD1616A ETL-GSD1616A Datasheet
204Kb / 3P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
GSMBT2907A ETL-GSMBT2907A Datasheet
149Kb / 2P
P N P E P I TA X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com